Electronic Components Datasheet Search
  English  ▼

X  

RT9101 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RT9101
Description  Rotational Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT9101 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RT9101 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9101 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9101 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tope Co., Ltd.
tel: +886-2-8228-0658
http://www.sensor.com.tw
fax: +886-2-8228-0659
e-mail: tope@ms1.hinet.net
1
30o
45o
align marks for zero output
!
!
!
clockwise shaft rotation
counter-clockwise shaft rotation
ALL DIMENSIONS ARE IN INCHES [MM]
4.50 [114.3] dia.
3.60 [91.4]
2.32 [58.9]
0.18 [4.6]
0.86 [21.9]
0.2497 in. or 5.995 mm
0.2494 in. or 5.970 mm
#8-32 x 0.180 [4.57]@90o apart
on a 4.15 [105.4] dia. BC (4 places)
optional M4 x 4.5 mm @ 90o apart
on a 105.4 mm dia. BC (4 places)
DIA.
GENERAL
Full Stroke Ranges .................................. 0-0.25 to 0-50 turns, see
next page
Output Signal ...................................................... voltage divider (potentiometer)
Accuracy ..................................................... + 0.30 to + 0.15% full stroke, see
Repeatability .......................................................................... + 0.02% full stroke
Resolution ............................................................................... essentially infinite
Enclosure Material ............... powder-painted aluminum or stainless steel, see
Sensor ...................................................... plastic-hybrid precision potentiometer
Shaft Loading ................................................ up to 35 lbs. radial and 5 lbs. axial
Weight, Aluminum (Stainless Steel) Enclosure .................... 5 lbs. (10 lbs.), max.
ELECTRICAL
Input Resistance .... 500, 1K, 5K, 10K ohms (+ 10%) or adjustable bridge, see
Power Rating, Watts .................................... 2.0 at 70o F (derated to 0 @ 250oF)
Recommended Maximum Input Voltage ..................................... 30 V(AC or DC)
Output Signal Change Over Measurement Range ...... 94% +4% of input voltage
ENVIRONMENTAL
Environmental Suitability .................... NEMA 4/4X/6, IP 65/67/68, see
and
Operating Temperature .................................................................. -40o to 200oF
Vibration ........................................................ up to 10 G's to 2000 Hz maximum
Celesco’s model RT9101 provides a voltage
feedback signal for rotational position. The
sensing element of this device is a precision
plastic-hybrid potentiometer which provied
superb linearity and resolution.
This innovative sensor from Celesco,
desinged to meet tough NEMA-4 and IP67
environmental standards, is available in full-
stroke measurement ranges of 1/4 to 50 turns.
Because the sensor is potentiometric, the
RT9101 is absolute and will maintain position
information even after a loss of power.
w Up to 50 Turns
w Industrial Grade
w Precision Potentiometric Output
Rotational Transducer
RT9101
Specification Summary:
V (+in)
0 V
FULL STROKE RANGE
Electrical Output Signal:


Similar Part No. - RT9101

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9101 RICHTEK-RT9101_11 Datasheet
442Kb / 12P
2.65W PWM Class-D Power Amplifier
More results

Similar Description - RT9101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GG1178 ETC1-GG1178 Datasheet
71Kb / 2P
MEMS Rotational Rate Sensors
logo
NXP Semiconductors
KMI15-1 PHILIPS-KMI15-1 Datasheet
160Kb / 16P
Integrated rotational speed sensor
1996 Dec 05
KMI15 PHILIPS-KMI15 Datasheet
116Kb / 16P
Rotational speed sensor
2000 Sep 05
KMI16 PHILIPS-KMI16 Datasheet
106Kb / 12P
Integrated rotational speed sensor
2000 Sep 05
logo
List of Unclassifed Man...
KMI16-1-115 ETC2-KMI16-1-115 Datasheet
110Kb / 12P
Integrated rotational speed sensor
logo
NXP Semiconductors
KMI23 NXP-KMI23_2 Datasheet
293Kb / 20P
High performance rotational speed sensor
Rev. 1-28 April 2016
KMI17 NXP-KMI17 Datasheet
228Kb / 16P
Rotational speed sensor
Rev. 1-1 September 2014
logo
Pepperl+Fuchs Inc.
KFD2-SR2-EX2.W.SM PF-KFD2-SR2-EX2.W.SM Datasheet
1Mb / 7P
Standstill and Rotational Direction Monitor
logo
NXP Semiconductors
KMI16 NXP-KMI16 Datasheet
109Kb / 12P
Integrated rotational speed sensor
2000 Sep 05
logo
MultiDimension Technolo...
FSD-TMR1005 MULTIDIMENSION-FSD-TMR1005 Datasheet
415Kb / 4P
Rotational Speed Sensor
Nov-19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com