Electronic Components Datasheet Search
  English  ▼

X  

1679278 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1679278
Description  HC-M-MHR-T6-N
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1679278 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1679278 Datasheet HTML 1Page - PHOENIX CONTACT 1679278 Datasheet HTML 2Page - PHOENIX CONTACT 1679278 Datasheet HTML 3Page - PHOENIX CONTACT 1679278 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 4
http://www.phoenixcontact.de
Jan 27, 2011
Extract from the online
catalog
 
HC-M-MHR-T6-N
Order No.: 1679278
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1679278
 
 
HEAVYCON hinged retaining frame, for HC-B 24 sleeve housing, for 6
modules, labeling with upper case letters (A, B, C, etc.)
 
Commercial data
GTIN (EAN)
4
017918
162566
sales group
D041
Pack
2 pcs.
Customs tariff
85369010
Catalog page information
Page 464 (PC-2009)
Product notes
WEEE/RoHS-compliant since:
04/13/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Electrical characteristics
Note
Hinged retaining frame
Ambient temperature (operation)
-40 °C ... 125 °C
Mechanical characteristics
Conductor cross-section
4 mm² ... 6 mm² (for PE conductor – power side)


Similar Part No. - 1679278

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
16792 ATOM-16792 Datasheet
112Kb / 3P
AT9256
31st of January 2025 06:52:26
logo
Turck, Inc.
1679200 TURCK-1679200 Datasheet
317Kb / 3P
Inductive Sensor
11/07/2023
16792023 TURCK-16792023 Datasheet
317Kb / 3P
Inductive Sensor
11/07/2023
logo
PHOENIX CONTACT
1679249 PHOENIX-1679249 Datasheet
107Kb / 4P
HC-M-MHR-T2-N
1679252 PHOENIX-1679252 Datasheet
110Kb / 4P
HC-M-MHR-T3-N
More results

Similar Description - 1679278

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1585155 PHOENIX-1585155 Datasheet
90Kb / 3P
HC-M-MHR-FIX
1636981 PHOENIX-1636981 Datasheet
55Kb / 2P
Cable lug - HC-M-MHR-PE16
1676828 PHOENIX-1676828 Datasheet
94Kb / 3P
HC-M-BM
1679249 PHOENIX-1679249 Datasheet
107Kb / 4P
HC-M-MHR-T2-N
1679252 PHOENIX-1679252 Datasheet
110Kb / 4P
HC-M-MHR-T3-N
1679265 PHOENIX-1679265 Datasheet
110Kb / 4P
HC-M-MHR-T4-N
1679281 PHOENIX-1679281 Datasheet
107Kb / 4P
HC-M-MHR-A2-N
1679294 PHOENIX-1679294 Datasheet
110Kb / 4P
HC-M-MHR-A3-N
1679304 PHOENIX-1679304 Datasheet
110Kb / 4P
HC-M-MHR-A4-N
1679317 PHOENIX-1679317 Datasheet
106Kb / 4P
HC-M-MHR-A6-N
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com