Electronic Components Datasheet Search
  English  ▼

X  

1679278 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1679278
Description  HC-M-MHR-T6-N
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1679278 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1679278 Datasheet HTML 1Page - PHOENIX CONTACT 1679278 Datasheet HTML 2Page - PHOENIX CONTACT 1679278 Datasheet HTML 3Page - PHOENIX CONTACT 1679278 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HC-M-MHR-T6-N Order No.: 1679278
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1679278
PHOENIX CONTACT Deutschland GmbH
Page 2 / 4
http://www.phoenixcontact.de
Jan 27, 2011
1 mm² ... 2.5 mm² (for PE conductor – control side)
Connection cross-section AWG
12 ... 10 (for PE conductor – power side)
18 ... 14 (for PE conductor – control side)
Insertion/withdrawal cycles
≥ 500
General characteristics
Number of module slots
6
Assembly instructions
HC-MHR-PE16 ( 1636981) for PE connection extension to 16
mm2.
Material data
Contact carrier material
Die-cast zinc alloy
Certificates / Approvals
Certification
GOST
Accessories
Item
Designation
Description
General
1585155
HC-M-MHR-FIX
Fixing wedge to fix the hinged retaining frame (20 wedges on the
block)
Plug/Adapter
1636981
HC-M-MHR-PE16
Cable lug for HEAVYCON-MODULAR; PE connection extension
to 16 mm2, for crimping with crimp pliers



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com