Electronic Components Datasheet Search
  English  ▼

X  

CS51033 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS51033
Description  Fast PFET Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51033 Datasheet(HTML) 5 Page - ON Semiconductor

  CS51033 Datasheet HTML 1Page - ON Semiconductor CS51033 Datasheet HTML 2Page - ON Semiconductor CS51033 Datasheet HTML 3Page - ON Semiconductor CS51033 Datasheet HTML 4Page - ON Semiconductor CS51033 Datasheet HTML 5Page - ON Semiconductor CS51033 Datasheet HTML 6Page - ON Semiconductor CS51033 Datasheet HTML 7Page - ON Semiconductor CS51033 Datasheet HTML 8Page - ON Semiconductor CS51033 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CS51033
http://onsemi.com
5
CIRCUIT DESCRIPTION
THEORY OF OPERATION
Control Scheme
The CS51033 monitors the output voltage to determine
when to turn on the PFET. If VFB falls below the internal
reference voltage of 1.25 V during the oscillator’s charge
cycle, the PFET is turned on and remains on for the duration
of the charge time. The PFET gets turned off and remains off
during the oscillator’s discharge cycle time with the
maximum duty cycle to 80%. It requires 7.0 mV typical, and
20 mV maximum ripple on the VFB pin to operate. This
method of control does not require any loop stability
compensation.
Startup
The CS51033 has an externally programmable Soft Start
feature that allows the output voltage to come up slowly,
preventing voltage overshoot on the output.
At startup, the voltage on all pins is zero. As VCC rises, the
VC voltage along with the internal resistor RG keeps the
PFET off. As VCC and VC continue to rise, the oscillator
capacitor (COSC ) and the Soft Start/Fault Timing capacitor
(CS) charges via internal current sources. COSC gets charged
by the current source IC and CS gets charged by the IT source
combination described by:
ICS + IT *
IT
55
)
IT
5
The internal Holdoff Comparator ensures that the external
PFET is off until VCS > 0.7 V, preventing the GATE flip–flop
(F2) from being set. This allows the oscillator to reach its
operating frequency before enabling the drive output. Soft
Start is obtained by clamping the VFB comparator’s (A6)
reference input to approximately 1/2 of the voltage at the CS
pin during startup, permitting the control loop and the output
voltage to slowly increase. Once the CS pin charges above
the Holdoff Comparator trip point of 0.7 V, the low feedback
to the VFB Comparator sets the GATE flip–flop during
COSC’s charge cycle. Once the GATE flip–flop is set,
VGATE goes low and turns on the PFET. When VCS exceeds
2.4 V, the CS charge sense comparator (A4) sets the VFB
comparator reference to 1.25 V completing the startup cycle.
Lossless Short Circuit Protection
The CS51033 has “lossless” short circuit protection since
there is no current sense resistor required. When the voltage
at the CS pin (the fault timing capacitor voltage ) reaches
2.5 V, the fault timing circuitry is enabled. During normal
operation the CS voltage is 2.6 V. During a short circuit or
a transient condition, the output voltage moves lower and the
voltage at VFB drops. If VFB drops below 1.15 V, the output
of the fault comparator goes high and the CS51033 goes into
a fast discharge mode. The fault timing capacitor, CS,
discharges to 2.4 V. If the VFB voltage is still below 1.15 V
when the CS pin reaches 2.4 V, a valid fault condition has
been detected. The slow discharge comparator output goes
high and enables gate G5 which sets the slow discharge flip
flop. The VGATE flip flop resets and the output switch is
turned off. The fault timing capacitor is slowly discharged
to 1.5 V. The CS51033 then enters a normal startup routine.
If the fault is still present when the fault timing capacitor
voltage reaches 2.5 V, the fast and slow discharge cycles
repeat as shown in Figure 3.
If the VFB voltage is above 1.15 V when CS reaches 2.4 V
a fault condition is not detected, normal operation resumes
and CS charges back to 2.6 V. This reduces the chance of
erroneously detecting a load transient as a fault condition.
Figure 3. Voltage on Start Capacitor (VGS), the Gate (VGATE), and in the
Feedback Loop (VFB), During Startup, Normal and Fault Conditions.
1.15 V
1.25 V
0 V
1.5 V
2.4 V
2.6 V
2.5 V
0 V
VCS
VGATE
VFB
START
NORMAL OPERATION
FAULT
td1
TSTART
tFAULT
tRESTART td2
tFAULT
S1
S2
S1
S2
S3
S3
S1
S2
S3
S3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com