Electronic Components Datasheet Search
  English  ▼

X  

CS51033 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS51033
Description  Fast PFET Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51033 Datasheet(HTML) 4 Page - ON Semiconductor

  CS51033 Datasheet HTML 1Page - ON Semiconductor CS51033 Datasheet HTML 2Page - ON Semiconductor CS51033 Datasheet HTML 3Page - ON Semiconductor CS51033 Datasheet HTML 4Page - ON Semiconductor CS51033 Datasheet HTML 5Page - ON Semiconductor CS51033 Datasheet HTML 6Page - ON Semiconductor CS51033 Datasheet HTML 7Page - ON Semiconductor CS51033 Datasheet HTML 8Page - ON Semiconductor CS51033 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CS51033
http://onsemi.com
4
PACKAGE PIN DESCRIPTION
PIN NUMBER
PIN SYMBOL
FUNCTION
1
VGATE
Driver pin to gate of external PFET.
2
PGND
Output power stage ground connection.
3
COSC
Oscillator frequency programming capacitor.
4
GND
Logic ground.
5
VFB
Feedback voltage input.
6
VCC
Logic supply voltage.
7
CS
Soft Start and fault timing capacitor.
8
VC
Driver supply voltage.
RG
VC
VGATE
PGND
Q
Q
R
S
F2
VGATE
Flip–Flop
G2
+
–
VFB
Comparator
A6
VFB
1.25 V
G1
0.7 V
Hold Off
Comp
Fault
Comp
1.15 V
A4
CS Charge
Sense
Comparator
Q
Q
R
S
F1
Slow Discharge
Flip–Flop
GND
G4
G5
–
+
A3
Slow Discharge
Comparator
2.3 V
2.4 V
+
–
A2
CS
Comparator
2.5 V
1.5 V
IT
55
IT
5
IT
CS
G3
COSC
2.5 V
1.5 V
A1
VCC
Oscillator
Comparator
VCC
VCC
IC
7IC
Figure 2. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com