Electronic Components Datasheet Search
  English  ▼

X  

OV2744 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV2744
Description  1.4 關m x 1.4 關m pixel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV2744 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV2744 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV2744 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
¬
Smartphones
Ultrabooks and Notebooks
Tablets
¬
¬
¬
Digital Still Cameras (DSC)
Digital Video Camcorders (DVC)
PC Multimedia
Applications
¬
¬
¬
¬
¬
¬
1.4 µm x 1.4 µm pixel
optical size of 1/6"
programmable controls for:
- frame rate
- mirror and flip
- cropping
- windowing
supports output formats:
- 10-bit RAW RGB-Ir
supports images sizes:
- 1080p (1920x1080)
- 720p (1280x720)
standard serial SCCB interface
up to 2-lane MIPI serial output
interface (supports maximum speed
up to 1000 Mbps/lane)
embedded 2 kilobits of one-time
programmable (OTP) memory
for customer use
programmable I/O drive capability
light sensing mode (LSM)
RGB-Ir in a 4x4 pattern
¬
¬
¬
¬
¬
Product Features
Functional Block Diagram
¬
OV02744-GA5A
(RGB-Ir, chip probing, 150 µm backgrinding, reconstructed wafer with good die)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
active array size: 1920 x 1080
power supply:
- core: 1.2V
- analog: 2.8V
- I/O: 1.8V
power requirements:
- active: 90 mW
- standby: 210 µA
- XSHUTDN: 0.6 µA
temperature range:
- operating: -30°C to +85°C junction
temperature
- stable image: 0°C to +60°C junction
temperature
output format: 10-bit RAW RGB-Ir
lens size: 1/6"
input clock frequency: 6 ~ 27 MHz
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
lens chief ray angle: 33° non-linear
max S/N ratio: 38.3 dB
dynamic range: 73.3 dB @ 15.5x gain
maximum image transfer rate:
- 1080p: 60 fps
- 720p: 90 fps
sensitivity: 553 mV/Lux-sec
(6750 e-/Lux.sec)
scan mode: progressive
maximum exposure interval: 1112 × tROW
pixel size: 1.4 µm x 1.4 µm
image area: 2728.8 µm x 1549.8 µm
package dimensions:
- COB: 3825 µm x 2889 µm
Product Specifications
Version 1.3, October, 2018
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision, the OmniVision logo and PureCel are registered
trademarks of OmniVision Technologies, Inc. All other trademarks are the property of their
respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV2744
OV2744
image sensor core
image
sensor
processor
image
interface
column
sample/hold
PLL
PLL
control register bank
SCCB interface
timing generator and system control logic
gain control
MCP/N
MDP/N[1:0]
image
array
AMP
10-bit
ADC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com