Electronic Components Datasheet Search
  English  ▼

X  

OV2744 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV2744
Description  1.4 關m x 1.4 關m pixel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV2744 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV2744 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV2744 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OV2744 1080pproductbrief
lead free
available in
a lead-free
package
Compared to other RBG-IR sensors in the market right
now, the OV2744's best-in-class color reproduction
shows less color aliasing, and requires the lowest power
consumption of any 1080p sensor currently available.
The 1/6-inch OV2744 captures full resolution 1080p
high definition (HD) video at 60 frames per second (fps)
with support for full frame staggered high dynamic
range (HDR). The sensor also features ultra-low power
mode (ULPM), which reduces the resolution and frame
rates to conserve additional power. The sensor fits into
a 5 x 5 x 3 mm module.
Find out more at www.ovt.com.
Second-Generation RBG-Ir PureCel® Sensor Brings
Biometric Functionality to Notebooks and Mobile Devices
The OV2744 is a 1.4-micron PureCel® image sensor that
utilizes OmniVision's second-generation, industry-
leading RGB-Ir technology to bring biometric
capabilities such as facial recognition to the next
generation of notebooks, tablets, and front-facing
cameras in smartphones.
Using OmniVision's groundbreaking RGB-Ir technology,
the OV2744 delivers high quality IR output without
compromising its premium RGB images. This solution
eliminates the need to have two-camera solutions for
devices that require both IR and RGB imaging.


Similar Part No. - OV2744

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV2740 OMNIVISION-OV2740 Datasheet
4Mb / 2P
1.4 關m x 1.4 關m pixel
More results

Similar Description - OV2744

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSM855 ADL-MSM855 Datasheet
243Kb / 2P
Intel짰 Pentium짰 M CPU 0.6 / 1.0 / 1.4 / 1.8GHz
logo
OptoSupply Internationa...
OSXX3014C1A OPTOSUPPLY-OSXX3014C1A Datasheet
504Kb / 9P
3.0 x 1.4 x 0.8mm SMD
logo
BeRex Corporation
BCP020T-70 BEREX-BCP020T-70 Datasheet
805Kb / 6P
HIGH EFFICIENCY HETEROJUNCTION POWER FET (0.25關m x 200關m gate)
BCP030T-70 BEREX-BCP030T-70 Datasheet
803Kb / 6P
HIGH EFFICIENCY HETEROJUNCTION POWER FET (0.25關m x 300關m gate)
BCP030C-70 BEREX-BCP030C-70 Datasheet
633Kb / 7P
HIGH EFFICIENCY HETEROJUNCTION POWER FET (0.25關m x 300關m gate)
logo
OmniVision Technologies...
OV2740 OMNIVISION-OV2740 Datasheet
4Mb / 2P
1.4 關m x 1.4 關m pixel
logo
ON Semiconductor
NVCR4LS1D4N10MCA ONSEMI-NVCR4LS1D4N10MCA Datasheet
166Kb / 6P
MOSFET – Power, N-Channel 100 V, 1.4 m
August, 2022 - Rev. 0
logo
Tripp Lite. All Rights ...
P580-001-V4 TRIPPLITE-P580-001-V4 Datasheet
69Kb / 4P
DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 1 ft. (0.31 m)
P580-003-V4 TRIPPLITE-P580-003-V4 Datasheet
69Kb / 4P
DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 3 ft. (0.9m)
P580-015-V4 TRIPPLITE-P580-015-V4 Datasheet
70Kb / 4P
DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 15 ft. (4.57m)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com