Electronic Components Datasheet Search
  English  ▼

X  

OV2740 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV2740
Description  1.4 關m x 1.4 關m pixel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV2740 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV2740 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV2740 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
¬
Smartphones
Ultrabooks and Notebooks
Tablets
¬
¬
¬
Digital Still Cameras (DSC)
Digital Video Camcorders (DVC)
PC Multimedia
Applications
¬
¬
¬
¬
¬
¬
¬
1.4 µm x 1.4 µm pixel
optical size of 1/6"
programmable controls for frame rate,
mirror and flip, cropping, and windowing
supports output formats:
10-bit RAW RGB
supports images sizes:
- 1080p (1920x1080)
- 720p (1280x720)
- VGA (640x480)
- QVGA (320x240)
- QQVGA (160x120)
supports 2x2 binning
standard serial SCCB interface
up to 2-lane MIPI serial output
interface (supports maximum speed
up to 1000 Mbps/lane)
embedded 4 kilobits of one-time
programmable (OTP) memory
for customer use
add staggered HDR raw data output
interleave row high dynamic range
(iHDR) output
programmable I/O drive capability
power saving (PSV) mode
support for LENC color shading
correction
¬
¬
¬
¬
¬
¬
¬
Product Features
Functional Block Diagram
¬
OV02740-H34A-Z
(color, lead-free, 34-pin CSP5)
Ordering Information
¬
¬
¬
¬
¬
active array size: 1920 x 1080
power supply:
- core: 1.2V
- analog: 2.8V
- I/O: 1.8V
power requirements:
- active: 86.7 mW
- standby: 250 µA
- XSHUTDN: 0.15 µA
temperature range:
- operating: -30°C to +85°C junction
temperature
- stable image: 0°C to +60°C junction
temperature
output formats: 10-bit RAW RGB data
¬
¬
¬
¬
¬
¬
¬
¬
lens size: 1/6"
lens chief ray angle: 33° non-linear
input clock frequency: 6 ~ 27 MHz
maximum image transfer rate:
- 1080p: 60 fps
- 720p: 90 fps
scan mode: progressive
pixel size: 1.4 µm x 1.4 µm
image area: 2728.8 µm x 1549.8 µm
package dimensions:
- CSP5: 3855 µm x 2919 µm
Product Specifications
Version 1.3, October, 2014
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision and the OmniVision logo are registered trademarks of
OmniVision Technologies, Inc. PureCel is a trademark of OmniVision Technologies, Inc.
All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV2740
OV2740
image sensor core
image
sensor
processor
image
interface
column
sample/hold
PLL
PLL
control register bank
SCCB interface
timing generator and system control logic
gain control
MCP/N
MDP/N[1:0]
image
array
AMP
10-bit
ADC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com