Electronic Components Datasheet Search
  English  ▼

X  

OV2740 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV2740
Description  1.4 關m x 1.4 關m pixel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV2740 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV2740 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV2740 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OV2740 1080pproductbrief
lead free
available in
a lead-free
package
staggered high dynamic range (HDR) to minimize motion
artifacts to capture crisp, clear video in difficult lighting
conditions.
The OV2740 is the only 1080p HD image sensor to
feature light-sensing mode (LSM) and ultra-low power
mode (ULPM), enabling advanced features such as
motion detection or gesture control. Additionally, the
sensor is stereo ready with frame synchronization to
support a host of depth perception applications. The
OV2740 fits into a compact 5.5 x 5.5 x 3 mm module.
Find out more at www.ovt.com.
World's Most Power-Efficient 1080p/60 High Definition
Image Sensor for Front-Facing Camera Applications
OmniVision's OV2740 PureCel™ is an ultra-low power,
full high-definition (FHD) image sensor for front-facing
camera applications in smartphones, tablets, notebooks
and Ultrabooks. By consuming under 90 mW when
recording 1080p HD video at 60 frames per second
(fps), the OV2740 is the lowest power 1080p/60 image
sensor currently on the market.
Built on a 1.4-micron pixel, the OV2740 PureCel image
sensor boasts a signal-to-noise ratio of less than 50 lux,
with improvements in full-well capacity (FWC) and
sensitivity. The sensor records best-in-class 1080p HD
video at 60 fps and 720p HD video at 90 fps, and uses


Similar Part No. - OV2740

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV2744 OMNIVISION-OV2744 Datasheet
631Kb / 2P
1.4 關m x 1.4 關m pixel
More results

Similar Description - OV2740

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSM855 ADL-MSM855 Datasheet
243Kb / 2P
Intel짰 Pentium짰 M CPU 0.6 / 1.0 / 1.4 / 1.8GHz
logo
OptoSupply Internationa...
OSXX3014C1A OPTOSUPPLY-OSXX3014C1A Datasheet
504Kb / 9P
3.0 x 1.4 x 0.8mm SMD
logo
BeRex Corporation
BCP020T-70 BEREX-BCP020T-70 Datasheet
805Kb / 6P
HIGH EFFICIENCY HETEROJUNCTION POWER FET (0.25關m x 200關m gate)
BCP030T-70 BEREX-BCP030T-70 Datasheet
803Kb / 6P
HIGH EFFICIENCY HETEROJUNCTION POWER FET (0.25關m x 300關m gate)
BCP030C-70 BEREX-BCP030C-70 Datasheet
633Kb / 7P
HIGH EFFICIENCY HETEROJUNCTION POWER FET (0.25關m x 300關m gate)
logo
OmniVision Technologies...
OV2744 OMNIVISION-OV2744 Datasheet
631Kb / 2P
1.4 關m x 1.4 關m pixel
logo
ON Semiconductor
NVCR4LS1D4N10MCA ONSEMI-NVCR4LS1D4N10MCA Datasheet
166Kb / 6P
MOSFET – Power, N-Channel 100 V, 1.4 m
August, 2022 - Rev. 0
logo
Tripp Lite. All Rights ...
P580-001-V4 TRIPPLITE-P580-001-V4 Datasheet
69Kb / 4P
DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 1 ft. (0.31 m)
P580-003-V4 TRIPPLITE-P580-003-V4 Datasheet
69Kb / 4P
DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 3 ft. (0.9m)
P580-015-V4 TRIPPLITE-P580-015-V4 Datasheet
70Kb / 4P
DisplayPort 1.4 Cable with Latching Connectors, 8K (M/M), Black, 15 ft. (4.57m)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com