Electronic Components Datasheet Search
  English  ▼

X  

DS6000 Datasheet(PDF) 2 Page - TT Electronics.

Part # DS6000
Description  Paperless Graphic Recorder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

DS6000 Datasheet(HTML) 2 Page - TT Electronics.

  DS6000 Datasheet HTML 1Page - TT Electronics. DS6000 Datasheet HTML 2Page - TT Electronics. DS6000 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Paperless Graphic Recorder
DS6000
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue A
07/2018 Page 2
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
Available Features
6100A
6180A
Display
5.5" 1/4 VGA
12.1" XGA
Channels
18
48
Relays
12
27
Events inputs
24 (6 per option card)
Groups
6 standard (12 optional)
Auditor Features
Auditor or audit trail
Virtual Channels*
36, 96, 128
Timers
Fitted as standard
Alarms
4 per channel
Batch
Optional
Bridge-remote Viewing
Software
Lite as standard (full optional)
Screen Builder
24 (optional)
Security
Unlimited unique user names with configurable access permissions and
passwords
Configuration Software
Standard
Review/Quickchart Lite
Software
Standard
Standard Views
Vertical and horizontal trending.
Vertical and horizontal bargraphs.
Circular trend and numeric values.
* Virtual channels can be configured as maths, totalisers, counters or comms.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com