Electronic Components Datasheet Search
  English  ▼

X  

DS6000 Datasheet(PDF) 3 Page - TT Electronics.

Part # DS6000
Description  Paperless Graphic Recorder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

DS6000 Datasheet(HTML) 3 Page - TT Electronics.

  DS6000 Datasheet HTML 1Page - TT Electronics. DS6000 Datasheet HTML 2Page - TT Electronics. DS6000 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Paperless Graphic Recorder
DS6000
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue A
07/2018 Page 3
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
Operating Temperature
0 to 50ºC
Storage Temperature
-20 to 60ºC
Operating Humidity
5 to 80% relative humidity
Storage Humidity
5 to 90% relative humidity
Protection - Bezel and Display
IP66
Protection - Sleeve
IP20
Shock
BS EN61010
Vibration (10 to 150Hz)
BS EN60873, section 9.18
Altitude
<2,000 metres
Electromagnetic Compatibility
CE, cUL (EMC)
UL File Number
e57766
Emissions and Immunity
BS EN61326
Electrical Safety
BS EN61010 installation cat. II; pollution degree 2
Standard Supply Voltage
85 to 265V AC; 47 to 63Hz or 110 to 370V DC
Low Voltage Option*
20 to 42V RMS; 45 to 400Hz or 20 to 54V DC
Maximum Power
60VA (inrush current 36A)
Fuse Type
None
Standard Interrupt Protection
Holdup >200ms at 240V AC with full load
Low Voltage Option*
20ms at 20V DC or RMS with full load
*Please consult us for this option



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com