Electronic Components Datasheet Search
  English  ▼

X  

DS7001 Datasheet(PDF) 2 Page - TT Electronics.

Part # DS7001
Description  Nanodac Recorder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

DS7001 Datasheet(HTML) 2 Page - TT Electronics.

  DS7001 Datasheet HTML 1Page - TT Electronics. DS7001 Datasheet HTML 2Page - TT Electronics. DS7001 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Nanodac Recorder
DS7001
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue A
07/2018 Page 2
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
GENERAL
Analogue i/p
Four
Digital i/o
One
Digital i/p
Two
Relay o/p
Two + two with shared common connection
ENVIRONMENTAL PERFORMANCE
Ambient Operating Temperature
0 to 55ºC
Ambient Storage Temperature
-20 to 70ºC
Operating Humidity
5 to 85% RH non-condensing
Storage Humidity
5 to 85% RH non-condensing
Protection - Front Panel
IP65, NEMA 4X (international)
Protection - Behind Panel
IP10 (international)
Protection - Shock/Vibration
To BS EN61131-2 (5 to 150Hz at 1G, 1 octave per min)
Altitude
<2000 metres
Atmosphere
Not suitable for use in explosive or corrosive atmospheres
Electrical Safety
BS EN61010-1 (installation category II; pollution degree 2)
Electromagnetic Compatibility -
Emissions
BS EN61326 Limit B - light industrial
Electromagnetic Compatibility -
Immunity
BS EN61326 Industrial



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com