Electronic Components Datasheet Search
  English  ▼

X  

DS7001 Datasheet(PDF) 3 Page - TT Electronics.

Part # DS7001
Description  Nanodac Recorder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

DS7001 Datasheet(HTML) 3 Page - TT Electronics.

  DS7001 Datasheet HTML 1Page - TT Electronics. DS7001 Datasheet HTML 2Page - TT Electronics. DS7001 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Nanodac Recorder
DS7001
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue A
07/2018 Page 3
TT Electronics | Roxspur Measurement & Control
2 Downgate Drive, Sheffield, South Yorkshire, S4 8BT, UK |Ph: +44 (0) 114-244-2521
www.ttelectronics.com | RoxspurSales@ttelectronics.com
OTHER APPROVALS AND COMPLIANCE DETAILS
General
CE and cUL, EN61010
PV Input
AMS2750D compliant
Packaging
BS61131-2 section 2.1.3.3
PHYSICAL
Panel Mounting
¼ DIN
Weight (instrument only)
0.44 kg
Panel Cutout Dimensions
92 mm x 92 mm
Depth Behind Panel
90 mm (excluding wiring)
OPERATOR INTERFACE
Display
3.5" TFT colour display
(320 px wide x 240 px high)
Controls
Four navigation pushbuttons below the display screen
(Page, Scroll, Lower and Raise)
POWER REQUIREMENTS
Supply Voltage
100 to 230V AC ±15% (48-62Hz)
Power Dissipation
9W (maximum)
Fuse Type
None
Interrupt Protection
Holdup >10ms at 85V RMS supply voltage



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com