Electronic Components Datasheet Search
  English  ▼

X  

MSM5218 Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM5218
Description  ADPCM Voice Analysis/Synthesis IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5218 Datasheet(HTML) 3 Page - OKI electronic componets

  MSM5218 Datasheet HTML 1Page - OKI electronic componets MSM5218 Datasheet HTML 2Page - OKI electronic componets MSM5218 Datasheet HTML 3Page - OKI electronic componets MSM5218 Datasheet HTML 4Page - OKI electronic componets MSM5218 Datasheet HTML 5Page - OKI electronic componets MSM5218 Datasheet HTML 6Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
¡ Semiconductor
MSM5218
3
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
VDD
Ta = 25°C
–3.0 to +7.0
V
Input Voltage
VIN
Ta = 25°C
–3.0 to VDD
V
Power Dissipation
PD
Ta = 25°C
200 max
mW
Storage Temperature
TSTG
—
–55 ~ +150
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Range
Unit
Power Supply Voltage
VDD
—
+3 to +6
V
Operating Temperature
TOP
—
–30 to +70
°C
Oscillator Frequency
fOSC
Specified Oscillator
386 to 768
kHz
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Input High Voltage
VIH
All inputs except
XT, T1, T2
4.2
—
—
V
Input Low Voltage
VIL
All inputs except
XT, T1, T2
—
—
0.8
V
Input High Current (1)
IIH
VIN = VDD
——
1
mA
Input Low Current
IIL
VIN = 0V
—
—
–1
mA
Output High Current
IOH
SCON, VCK, SOCK,
MSB/SO, D0 to D3
V0 = 4.2V
–50
—
—
mA
Output Low Current
IOL
SCON, VCK, SOCK,
MSB/SO, D0 to D3
V0 = 0.4V
50——
mA
Operating Current
IDD
fVCK = 8kHz
—
3
6
mA
DA. OUT Output Impedance
VOR
—
—
100
—
k
W
D/A Accuracy
(Internal 10-bit D/A)
VE
Full Scale
VDD = +5V
—
—
LSB
SICK Clock Frequency
f(SICK)
—
—
—
500
kHz
Input High Current (2)
IIH2
VIN = VDD (Note 1)
20
—
400
mA
(VDD = 5V±5%, Ta = –30°C to +70°C, Ta =25°C typically)
±4
Note 1:
Applicable for Reset.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com