Electronic Components Datasheet Search
  English  ▼

X  

MSM5218 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM5218
Description  ADPCM Voice Analysis/Synthesis IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5218 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM5218 Datasheet HTML 1Page - OKI electronic componets MSM5218 Datasheet HTML 2Page - OKI electronic componets MSM5218 Datasheet HTML 3Page - OKI electronic componets MSM5218 Datasheet HTML 4Page - OKI electronic componets MSM5218 Datasheet HTML 5Page - OKI electronic componets MSM5218 Datasheet HTML 6Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
¡ Semiconductor
MSM5218
3
¡ Semiconductor
MSM5218
ADPCM Voice Analysis/Synthesis IC
GENERAL DESCRIPTION
The MSM5218 is a complete voice analysis/synthesis IC featuring the Adaptive Differential Pulse
Code Modulation (ADPCM) method of data compression. The MSM5218 contains an analysis stage
where serial PCM data is compressed to 3- or 4-bit parallel ADPCM data. In addition, a synthesis
stage synthesizes PCM data from ADPCM data.
FEATURES
• ADPCM data compatible with OKI's synthesis IC MSM5205
• Analysis/synthesis switching pin provided
• Lower power consumption achieved by one-chip CMOS IC
• Built-in 10-bit D/A converter for analog output
• Variable sampling frequency (4 kHz, 6 kHz, 8 kHz)
• Master clock frequency: 384 kHz
• Package: 24-pin plastic DIP (DIP24-P-600) (Product name: MSM5218RS)
BLOCK DIAGRAM
BIN/TOC
SICK
ADSI
SCON
XT
XT
S1
S2
VCK
RESET
4B/3B
ANA/SYN
D3
D2
D1
D0
DAOUT
MSB/SO
SOCK
12-bit
S•R
f
SI
12
OSC
Timing
Circuit
VDD
ADPCM
Analyzer
ADPCM
Synthesizer
10
12
10-bit
DAC
12-bit
S•R
DAS
VSS
T1 T2


Similar Part No. - MSM5218

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5219B OKI-MSM5219B Datasheet
130Kb / 7P
48-DIT STATIC LCD DRIVER
MSM5219BGS OKI-MSM5219BGS Datasheet
130Kb / 7P
48-DIT STATIC LCD DRIVER
More results

Similar Description - MSM5218

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6652 OKI-MSM6652 Datasheet
452Kb / 45P
Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
MSM9810 OKI-MSM9810 Datasheet
184Kb / 32P
8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
ADPCM Voice Synthesis IC
MSM9810B OKI-MSM9810B Datasheet
337Kb / 44P
8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9811 OKI-MSM9811 Datasheet
331Kb / 44P
4-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
ADPCM Speech Synthesis LSI
FEDL22Q394-03 ETC2-FEDL22Q394-03 Datasheet
1Mb / 42P
ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com