Electronic Components Datasheet Search
  English  ▼

X  

AD55444 Datasheet(PDF) 6 Page - Texas Instruments

Part # AD55444
Description  13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AD55444 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AD55444 Datasheet HTML 2Page - Texas Instruments AD55444 Datasheet HTML 3Page - Texas Instruments AD55444 Datasheet HTML 4Page - Texas Instruments AD55444 Datasheet HTML 5Page - Texas Instruments AD55444 Datasheet HTML 6Page - Texas Instruments AD55444 Datasheet HTML 7Page - Texas Instruments AD55444 Datasheet HTML 8Page - Texas Instruments AD55444 Datasheet HTML 9Page - Texas Instruments AD55444 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
www.ti.com
TIMING CHARACTERISTICS
N
N+1
N+2
N+3
N+4
N
N−1
N−2
N−3
tA
tsu_c
th_c
th_DR
N + 1
N
N + 2
N + 3
N + 4
tC_DR
tCLK
tCLKL
CLK, CLK
D[12:0],
OVR, OVR
DRY, DRY
AIN
tCLKH
tDR
tsu_DR
T0073-01
tr
tf
TIMING CHARACTERISTICS
ADS5444
SLWS162A – AUGUST 2005 – REVISED FEBRUARY 2006
Figure 1. Timing Diagram
Min, Typ, Max over full temperature range, 50% clock duty cycle, sampling rate = 250 MSPS, AV
DD = 5 V, DRVDD = 3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tA
Aperature delay
500
ps
tJ
Clock slope independent aperture uncertainty (jitter)
200
fs RMS
Latency
4
cycles
Clock Input
tCLK
Clock period
4
ns
tCLKH
Clock pulsewidth high
2
ns
tCLKL
Clock pulsewidth low
2
ns
Clock to DataReady (DRY)
tDR
Clock rising to DataReady falling
1.1
ns
tC_DR
Clock rising to DataReady rising
Clock duty cycle = 50% (1)
2.7
3.1
3.5
ns
Clock to DATA, OVR(2)
tr
Data rise time (20% to 80%)
0.6
ns
tf
Data fall time(80% to 20%)
0.6
ns
tsu_c
Data valid to clock (setup time)
3.1
ns
th_c
Clock to invalid Data (hold time)
0.2
ns
DataReady (DRY)/DATA, OVR(2)
tsu(DR)
Data valid to DRY
1.7
2
ns
th(DR)
DRY to invalid Data
0.9
1.3
ns
(1)
tC_DR = tDR + tCLKH for clock duty cycles other than 50%
(2)
Data is updated with clock falling edge or DRY rising edge.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com