Electronic Components Datasheet Search
  English  ▼

X  

AD55444 Datasheet(PDF) 2 Page - Texas Instruments

Part # AD55444
Description  13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AD55444 Datasheet(HTML) 2 Page - Texas Instruments

  AD55444 Datasheet HTML 1Page - Texas Instruments AD55444 Datasheet HTML 2Page - Texas Instruments AD55444 Datasheet HTML 3Page - Texas Instruments AD55444 Datasheet HTML 4Page - Texas Instruments AD55444 Datasheet HTML 5Page - Texas Instruments AD55444 Datasheet HTML 6Page - Texas Instruments AD55444 Datasheet HTML 7Page - Texas Instruments AD55444 Datasheet HTML 8Page - Texas Instruments AD55444 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
THERMAL CHARACTERISTICS
(1)
ADS5444
SLWS162A – AUGUST 2005 – REVISED FEBRUARY 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGING/ORDERING INFORMATION(1)
Product
Package-
Package
Specified
Package
Ordering
Transport
Lead
Designator (1)
Temperature
Marking
Number
Media,
Range
Quantity
ADS5444IPFP
Tray, 96
HTQFP-80(2)
ADS5444
PFP
–40°C to 85°C
ADS5444IPFP
PowerPAD
ADS5444IPFPR
Tape and Reel, 1000
(1)
For the most current product and ordering information, see the Package Option Addendum located at the end of this document, or see
the TI website at www.ti.com.
(2)
Thermal pad size: 7,5 mm x 7,5 mm (typ)
over operating free-air temperature range (unless otherwise noted)(1)
VALUE / UNIT
AVDD to GND
6 V
Supply voltage
DRVDD to GND
5 V
Analog input to GND
–0.3 V to AVDD+0.3 V
Clock input to GND
–0.3 V to AVDD+0.3 V
CLK to CLK
±2.5 V
Digital data output to GND
–0.3 V to DRVDD+0.3 V
Operating temperature range
–40°C to 85°C
Maximum junction temperature
150°C
Storage temperature range
–65°C to 150°C
ESD Human Body Model (HBM)
2.5 kV
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only and functional operation of the device at these or any other conditions beyond
those specified is not implied.
PARAMETER
TEST CONDITIONS
TYP
UNIT
Soldered slug, no airflow
21.7
°C/W
Soldered slug, 250-LFPM airflow
15.4
°C/W
θ
JA
Unsoldered slug, no airflow
50
°C/W
Unsoldered slug, 250-LFPM airflow
43.4
°C/W
θ
JC
Bottom of package (heatslug)
2.99
°C/W
(1)
Using 36 thermal vias (6 x 6 array). See the Application Section.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com