Electronic Components Datasheet Search
  English  ▼

X  

C0810 Datasheet(PDF) 1 Page - IMP, Inc

Part # C0810
Description  CMOS 0.8mm High-Resistance Poly for Analog
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

C0810 Datasheet(HTML) 1 Page - IMP, Inc

  C0810 Datasheet HTML 1Page - IMP, Inc C0810 Datasheet HTML 2Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15
© IMP, Inc.
ISO 9001 Registered
®
Process C0810
CMOS 0.8
µm
High-Resistance Poly for Analog
Electrical Characteristics
T=25oC Unless otherwise noted
N-Channel Transistor
Symbol
Minimum
Typical
Maximum
Unit
Comments
Threshold Voltage
VTN
0.6
0.8
1.0
V
100x0.8
µm
Body Factor
γ
N
0.74
V1/2
100x0.8
µm
Conduction Factor
βN
75
94
115
µA/V2
100x100
µm
Effective Channel Length
LeffN
0.8
µm
100x0.8
µm
Width Encroachment
∆WN
0.3
µm
Per side
Punch Through Voltage
BVDSSN
713
V
Poly Field Threshold
VTFP(N)
10
17
V
P-Channel Transistor
Symbol
Minimum
Typical
Maximum
Unit
Comments
Threshold Voltage
VTP
– 0.7
– 0.9
–1.1
V
100x0.8
µm
Body Factor
γ
P
0.57
V1/2
100x0.8
µm
Conduction Factor
βP
25
31
37
µA/V2
100x100
µm
Effective Channel Length
LeffP
0.85
µm
100x0.8
µm
Width Encroachment
∆WP
0.4
µm
Per side
Punch Through Voltage
BVDSSP
–7
–12
V
Poly Field Threshold Voltage
VTFP(P)
–10
–17
V
Diffusion & Thin Films
Symbol
Minimum
Typical
Maximum
Unit
Comments
Well (field) Sheet Resistance
ρ
N-well(f)
0.50
0.65
0.80
K
Ω/
n-well
N+ Sheet Resistance
ρ
N+
45
60
75
Ω/
N+ Junction Depth
xjN+
0.25
µm
P+ Sheet Resistance
ρ
P+
68
90
112
Ω/
P+ Junction Depth
xjP+
0.4
µm
Gate Oxide Thickness
TGOX
17.5
nm
Field Oxide Thickness
TFIELD
700
nm
Bottom Poly Sheet Res.
ρ
POLY1
15
23
32
Ω/
Gate Poly Sheet Resistance
ρ
POLY2
15
23
32
Ω/
Metal-1 Sheet Resistance
ρ
M1
40
60
80
m
Ω/
Metal-2 Sheet Resistance
ρ
M2
20
30
40
m
Ω/
Passivation Thickness
TPASS
200+900
nm
oxide+nit.
High Resistance Poly
ρ
HI-POLY
1.5
2.0
2.5
K
Ω/
Capacitance
Symbol
Minimum
Typical
Maximum
Unit
Comments
Gate Oxide
COX
1.97
fF/
µm2
Metal-1 to Poly1
CM1P
0.046
fF/
µm2
Metal-1 to Silicon
CM1S
0.028
fF/
µm2
Metal-2 to Metal-1
CMM
0.038
fF/
µm2
Poly-1 to Poly-2
CPP
0.69
0.822
1.015
fF/
µm2


Similar Part No. - C0810

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0810A GENERAL-C0810A Datasheet
74Kb / 1P
Computer Cable
logo
Anaren Microwave
C0810J5003A00 ANAREN-C0810J5003A00 Datasheet
180Kb / 6P
Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C0810J5003AHF ANAREN-C0810J5003AHF Datasheet
364Kb / 6P
Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
More results

Similar Description - C0810

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4514 MAXIM-MAX4514 Datasheet
80Kb / 8P
Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
logo
IMP, Inc
C1226 IMP-C1226 Datasheet
42Kb / 2P
CMOS 1.2um 100V CMOS, Double Metal - Double Poly
logo
Texas Instruments
TS12A44513 TI-TS12A44513 Datasheet
494Kb / 16P
LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI-TS12A44513_10 Datasheet
459Kb / 16P
LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX4514EUK-T MAXIM-MAX4514EUK-T Datasheet
396Kb / 8P
Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 1; 5/05
logo
Texas Instruments
TS12A44513 TI1-TS12A44513_14 Datasheet
936Kb / 19P
LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
logo
STMicroelectronics
L9658 STMICROELECTRONICS-L9658 Datasheet
577Kb / 64P
Analog output available for resistance
20-Sep-2013
logo
Maxim Integrated Produc...
MAX4514 MAXIM-MAX4514_V01 Datasheet
396Kb / 8P
Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
2005
logo
Renesas Technology Corp
HI-1818A RENESAS-HI-1818A Datasheet
337Kb / 8P
Low Resistance, Single 8-Channel, CMOS Analog Multiplexer
November 19, 2004
logo
Greystone Energy System...
GT-ARES GREYSTONE-GT-ARES Datasheet
301Kb / 1P
ANALOG RESISTANCE MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com