Electronic Components Datasheet Search
  English  ▼

X  

BNC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BNC
Description  BNC50OHM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BNC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BNC Datasheet HTML 1Page - List of Unclassifed Manufacturers BNC Datasheet HTML 2Page - List of Unclassifed Manufacturers BNC Datasheet HTML 3Page - List of Unclassifed Manufacturers BNC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CHARACTERISTICS
CHARACTERISTICS
BNC 50 Ω
TEST/CHARACTERISTICS
STANDARD
REFERENCE
VALUES/REMARKS
ELECTRICAL CHARACTERISTICS
Impedance
50 Ω
Frequency range
DC--4 GHz
Typical V.S.W.R.
Straight models cable group : 2/50, 2.6/50, 5/50,
10 + 11/50, .141”
Right angle models
2/50, 2.6/50, 5/50,
1GHz
1.12
1.13
2.5 GHz
1.18
1.30 max
1.20
4GHz
1.22
1.22
Insertion loss
straight connector
right--angle connector
0.05
0.08
0.07
0.16
0.13
0.20
RF Leakage
-- 55 dB minfrom2to3GHz
Insulation resistance
5000 MΩ min
5000 MΩ min
5000 MΩ min
Contact resistance
center contact
outer contact
MIL
1.5 mΩ
0.2 mΩ
Working voltage in VRMS
at sea level
(at 21 000m)
500
125
Dielectric withstanding voltage in VRMS
at sea level
(at 21 000m)
1500
375
RF testing voltage in VRMS
sea level (5 MHz)
1000
MECHANICAL CHARACTERISTICS
Durability
500 matings
Force to engage and disengage axial
torque
13.6 N max
28.6 Ncm
Coupling nut retention force
MIL
445 N
Cable retention force
cable 2/50, 2.6/50
cable 5/50, 10 + 11/50
cable .141”
MIL
227 N
Center contact retention force
27.2 N
ENVIRONMENTAL CHARACTERISTICS
Temperature range
flexible cables
semi--rigid cables
MIL
-- 65_C + 165_C
-- 65_C + 105_C
Thermo cycling test
MIL STD 202, method 107, condition B
Thermal shock
MIL STD 202, method 107, condition B
Hight temperature endurance
MIL STD 202, method 108
Corrosion salt spray
MIL STD 202, method 101, condition B
Vibration
MIL STD 202, method 204, condition B
Shock
MIL STD 202, method 213, condition G
Moisture resistance
MIL STD 202, method 106
Hermetic test
MIL STD 202, method 112, condition C
vacuum 10--6 Hgmm (Torr) leakage rate <10--6 atm/cm3/s
Barometric pressure
Pressure test : 3.5 bars; duration : 2 mn; temperature : 15_ Cto 25 _C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com