Electronic Components Datasheet Search
  English  ▼

X  

BNC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BNC
Description  BNC50OHM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BNC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BNC Datasheet HTML 1Page - List of Unclassifed Manufacturers BNC Datasheet HTML 2Page - List of Unclassifed Manufacturers BNC Datasheet HTML 3Page - List of Unclassifed Manufacturers BNC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
50 Ω
75 Ω
GENERAL
D
Standardised worlwide coaxial connectors
D
Bayonet coupling
D
Proven strength and reliability
D
Good RF performance
D
2 ranges :
BNC 50 Ω
BNC 75 Ω
D
Commercial BNC
D
Safety BNC (please consult RADIALL)
APPLICABLE STANDARDS
D
MIL-C-39012 / MIL STD 348-A/301
D
IEC 169-8
D
CECC 22120
D
NF-C-93564 KBN series
D
UTE-C-93564
APPLICATIONS
D
Civil and military radio--telecommunication
equipment
D
Test and measurement
D
Videocommunication
D
Computer network
D
Industrial network
D
General electronics
DC -- 4 GHz
DC -- 1.5 GHz (Commercial)
DC -- 1 GHz
GENERAL
BNC


Similar Part No. - BNC

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC DDK-BNC Datasheet
308Kb / 13P
BNC Type Connectors
logo
Japan Aviation Electron...
BNC JAE-BNC Datasheet
413Kb / 11P
FREQUENCY RANGE TO 3GHz竊?0廓Type竊
logo
Samtec, Inc
BNC SAMTEC-BNC Datasheet
416Kb / 2P
Cable Assemblies
Rev 22FEB22
logo
CamdenBoss Ltd.
BNC CAMDENBOSS-BNC Datasheet
249Kb / 1P
DIN Rail mounting BNC coupler
logo
Electronic Components L...
BNC CLIFF-BNC Datasheet
341Kb / 2P
BNC FEEDTHROUGH CONNECTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com