Electronic Components Datasheet Search
  English  ▼

X  

ADS5444IPFPG4 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS5444IPFPG4
Description  13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5444IPFPG4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS5444IPFPG4 Datasheet HTML 9Page - Texas Instruments ADS5444IPFPG4 Datasheet HTML 10Page - Texas Instruments ADS5444IPFPG4 Datasheet HTML 11Page - Texas Instruments ADS5444IPFPG4 Datasheet HTML 12Page - Texas Instruments ADS5444IPFPG4 Datasheet HTML 13Page - Texas Instruments ADS5444IPFPG4 Datasheet HTML 14Page - Texas Instruments ADS5444IPFPG4 Datasheet HTML 15Page - Texas Instruments ADS5444IPFPG4 Datasheet HTML 16Page - Texas Instruments ADS5444IPFPG4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.ti.com
Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
10 20 30 40 50 60 70 80 90 100 110 120
G013
FIN1 = 300 MHz, −7 dBFS
FIN2 = 301 MHz, −7 dBFS
IMD3 = 83.3 dBFS
Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0
10 20 30 40 50 60 70 80 90 100 110 120
G014
FIN1 = 300 MHz, −16 dBFS
FIN2 = 301 MHz, −16 dBFS
IMD3 = 101.9 dBFS
fIN − Input Frequency − MHz
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
1
G017
1
10
1k
100
fS = 250 MSPS
AIN = −1 dBFS
Code
−0.4
−0.2
0.0
0.2
0.4
50
1050 2050 3050 4050 5050 6050 7050 8050
fS = 250 MSPS
fIN = 10 MHz
G018
ADS5444
SLWS162A – AUGUST 2005 – REVISED FEBRUARY 2006
TYPICAL CHARACTERISTICS (continued)
Two-Tone Intermodulation Distortion
Two-Tone Intermodulation Distortion
(FFT For 300 MHz and 301 MHz Input Signals)
(FFT For 300 MHz and 301 MHz Input Signals)
Figure 14.
Figure 15.
Input Bandwidth
Differential Nonlinearity
Figure 16.
Figure 17.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com