Electronic Components Datasheet Search
  English  ▼

X  

ADS5444IPFPG4 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS5444IPFPG4
Description  13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5444IPFPG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5444IPFPG4 Datasheet HTML 17Page - Texas Instruments ADS5444IPFPG4 Datasheet HTML 18Page - Texas Instruments ADS5444IPFPG4 Datasheet HTML 19Page - Texas Instruments ADS5444IPFPG4 Datasheet HTML 20Page - Texas Instruments ADS5444IPFPG4 Datasheet HTML 21Page - Texas Instruments ADS5444IPFPG4 Datasheet HTML 22Page - Texas Instruments ADS5444IPFPG4 Datasheet HTML 23Page - Texas Instruments ADS5444IPFPG4 Datasheet HTML 24Page - Texas Instruments ADS5444IPFPG4 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
www.ti.com
CLK
ADS5444
CLK
0.1
µF
1:4
Clock
Source
MA3X71600LCT−ND
CLK
ADS5444
CLK
D
VBB
MC100EP16DT
50
Ω
100 nF
100 nF
50
Ω
113
Ω
Q
Q
D
100 nF
100 nF
100 nF
499 W
499 W
Digital Outputs
ADS5444
SLWS162A – AUGUST 2005 – REVISED FEBRUARY 2006
Application Information (continued)
Figure 37. Differential Clock
Nevertheless, for jitter sensitive applications, the use of a differential clock has some advantages (as with any
other ADC) at the system level. The first advantage is that it allows for common-mode noise rejection at the PCB
level.
A differential clock also allows for the use of bigger clock amplitudes without exceeding the absolute maximum
ratings. In the case of a sinusoidal clock, this results in higher slew rates and reduces the impact of clock noise
on jitter. See Clocking High Speed Data Converters (SLYT075) for more details.
Figure 37 shows this approach. The back-to-back Schottky diodes can be added to limit the clock amplitude in
cases where this would exceed the absolute maximum ratings, even when using a differential clock.
Figure 38. Differential Clock Using PECL Logic
Another possibility is the use of a logic based clock, such as PECL. In this case, the slew rate of the edges will
most likely be much higher than the one obtained for the same clock amplitude based on a sinusoidal clock. This
solution would minimize the effect of the slope dependent ADC jitter. Using logic gates to square a sinusoidal
clock may not produce the best results as logic gates may not have been optimized to act as comparators,
adding too much jitter while squaring the inputs.
The common-mode voltage of the clock inputs is set internally to 2.4 V using internal 1 k
Ω resistors. It is
recommended to use ac coupling, but if this scheme is not possible due to, for instance, asynchronous clocking,
the ADS5444 features good tolerance to clock common-mode variation.
Additionally, the internal ADC core uses both edges of the clock for the conversion process. Ideally, a 50% duty
cycle clock signal should be provided.
The ADC provides 13 data outputs (D12 to D0, with D12 being the MSB and D0 the LSB), a data-ready signal
(DRY), and an over-range indicator (OVR) that equals a logic high when the output reaches the full-scale limits.
The output format is offset binary. It is recommended to use the DRY signal to capture the output data of the
ADS5444.
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com