Electronic Components Datasheet Search
  English  ▼

X  

AL3066 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL3066
Description  FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3066 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL3066 Datasheet HTML 4Page - Diodes Incorporated AL3066 Datasheet HTML 5Page - Diodes Incorporated AL3066 Datasheet HTML 6Page - Diodes Incorporated AL3066 Datasheet HTML 7Page - Diodes Incorporated AL3066 Datasheet HTML 8Page - Diodes Incorporated AL3066 Datasheet HTML 9Page - Diodes Incorporated AL3066 Datasheet HTML 10Page - Diodes Incorporated AL3066 Datasheet HTML 11Page - Diodes Incorporated AL3066 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AL3066
Document number: DS39257 Rev. 2 - 2
8 of 14
www.diodes.com
February 2017
© Diodes Incorporated
AL3066
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
Duty Cycle(%)
Direct PWM Dimming
fPWM=100Hz
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
110
120
130
Duty Cycle(%)
PWM to Analog Dimming
fPWM=20KHz
Typical Performance Characteristic (@TA = +25°C, VIN=24V, VDIM_ISET=VDIM=5V, unless otherwise specified.)
Direct PWM Dimming @ fPWM=100Hz
Direct PWM Dimming @ fPWM=20kHz
Channel Current vs. Duty Cycle
Channel Current vs. Duty Cycle
PWM to Analog Dimming @ fPWM=20kHz
Steady State
Channel Current vs. Duty Cycle
System Startup
Direct PWM Dimming
5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100
0
10
20
30
40
50
60
70
80
90
100
110
120
130
Duty Cycle(%)
Direct PWM Dimming
fPWM=20KHz
VEN
5V/div
VSW
50V/div
VO
20V/div
ICH
100mA/div
Time 1ms/div
VPWM
2V/div
VSW
50V/div
VCH
10V/div
ICH
100mA/div
Time 5ms/div
ICH
50mA/div
VOUT
10V/div
VO(AC)
2V/div
VCH
500mV/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com