Electronic Components Datasheet Search
  English  ▼

X  

AL3066 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL3066
Description  FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3066 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL3066 Datasheet HTML 1Page - Diodes Incorporated AL3066 Datasheet HTML 2Page - Diodes Incorporated AL3066 Datasheet HTML 3Page - Diodes Incorporated AL3066 Datasheet HTML 4Page - Diodes Incorporated AL3066 Datasheet HTML 5Page - Diodes Incorporated AL3066 Datasheet HTML 6Page - Diodes Incorporated AL3066 Datasheet HTML 7Page - Diodes Incorporated AL3066 Datasheet HTML 8Page - Diodes Incorporated AL3066 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AL3066
Document number: DS39257 Rev. 2 - 2
3 of 14
www.diodes.com
February 2017
© Diodes Incorporated
AL3066
Functional Block Diagram
OVP
VIN
HVCC
OUT
COMP
CS
RT
GND
6
BANDGAP
1.25V
EN
Reference
100mV
2V
OVP
OTSD
OSC
CLK
SAW
EA
PWM
SAW
OCP
540mV
CLK
R
S
Q
DRIVE
Logic
CH1
Current Sink
Current Sink
Current Sink
Current Sink
VDD
PWM Dimming &
Analog Dimming
FB
+
OPA
DIM_ISET
CH2
CH3
CH4
ISET
DIM
Vch-reg
Diode/
Inductor
Short
3.2V
Direct PWM
Dimming
1.5V×Duty
15
5
11
13
14
16
1
12
10
2
4
3
9
VDD
8
VCC
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com