Electronic Components Datasheet Search
  English  ▼

X  

INA181 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA181
Description  Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA181 Datasheet(HTML) 2 Page - Texas Instruments

  INA181 Datasheet HTML 1Page - Texas Instruments INA181 Datasheet HTML 2Page - Texas Instruments INA181 Datasheet HTML 3Page - Texas Instruments INA181 Datasheet HTML 4Page - Texas Instruments INA181 Datasheet HTML 5Page - Texas Instruments INA181 Datasheet HTML 6Page - Texas Instruments INA181 Datasheet HTML 7Page - Texas Instruments INA181 Datasheet HTML 8Page - Texas Instruments INA181 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
2
INA181-Q1, INA2181-Q1, INA4181-Q1
SLYS018A – APRIL 2018 – REVISED JULY 2018
www.ti.com
INA2181-Q1 INA4181-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 6
7.1
Absolute Maximum Ratings ..................................... 6
7.2
ESD Ratings.............................................................. 6
7.3
Recommended Operating Conditions ....................... 6
7.4
Thermal Information .................................................. 6
7.5
Electrical Characteristics........................................... 7
7.6
Typical Characteristics .............................................. 8
8
Detailed Description ............................................ 15
8.1
Overview ................................................................. 15
8.2
Functional Block Diagrams ..................................... 15
8.3
Feature Description................................................. 17
8.4
Device Functional Modes........................................ 19
9
Application and Implementation ........................ 22
9.1
Application Information............................................ 22
9.2
Typical Application .................................................. 29
10
Power Supply Recommendations ..................... 31
10.1
Common-Mode Transients Greater Than 26 V .... 31
11
Layout................................................................... 32
11.1
Layout Guidelines ................................................. 32
11.2
Layout Example .................................................... 32
12
Device and Documentation Support ................. 35
12.1
Device Support...................................................... 35
12.2
Documentation Support ........................................ 35
12.3
Related Links ........................................................ 35
12.4
Receiving Notification of Documentation Updates 35
12.5
Community Resources.......................................... 35
12.6
Trademarks ........................................................... 35
12.7
Electrostatic Discharge Caution ............................ 35
12.8
Glossary ................................................................ 36
13
Mechanical, Packaging, and Orderable
Information ........................................................... 36
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (April 2018) to Revision A
Page
•
Changed INA4181-Q1 device from preview to production data (active) ................................................................................ 1
•
Changed instances of INAx180 to INAx181 in Pin Configurations and Functions (typos)..................................................... 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com