Electronic Components Datasheet Search
  English  ▼

X  

INA181 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA181
Description  Automotive, Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA181 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA181 Datasheet HTML 17Page - Texas Instruments INA181 Datasheet HTML 18Page - Texas Instruments INA181 Datasheet HTML 19Page - Texas Instruments INA181 Datasheet HTML 20Page - Texas Instruments INA181 Datasheet HTML 21Page - Texas Instruments INA181 Datasheet HTML 22Page - Texas Instruments INA181 Datasheet HTML 23Page - Texas Instruments INA181 Datasheet HTML 24Page - Texas Instruments INA181 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
CBYPASS
0.1 µF
VS
2.7 V to 5.5 V
Shutdown
RPULL-UP
10 k
RSENSE
GND
VS
Load
IN±
IN+
OUT
REF
+
±
Bus Voltage
±0.2 V to +26 V
Output
Single-Channel
TI Device
21
INA181-Q1, INA2181-Q1, INA4181-Q1
www.ti.com
SLYS018A – APRIL 2018 – REVISED JULY 2018
INA2181-Q1 INA4181-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Device Functional Modes (continued)
8.4.5 Shutdown Mode
Although the INAx181-Q1 do not have a shutdown pin, the low power consumption of these devices allows the
output of a logic gate or transistor switch to power the INAx181-Q1. This gate or switch turns on and off the
INAx181-Q1 power-supply quiescent current.
However, in current shunt monitoring applications, there is also a concern for how much current is drained from
the shunt circuit in shutdown conditions. Evaluating this current drain involves considering the simplified
schematic of the INAx181-Q1 in shutdown mode, as shown in Figure 46.
Figure 46. Basic Circuit to Shut Down the INA181-Q1 With a Grounded Reference
There is typically more than 500 k
Ω of impedance (from the combination of 500-kΩ feedback and
input gain set resistors) from each input of the INAx181-Q1 to the OUT pin and to the REF pin. The amount of
current flowing through these pins depends on the voltage at the connection. For example, if the REF pin is
grounded, the calculation of the effect of the 500 k
Ω impedance from the shunt to ground is straightforward.
However, if the reference is powered while the INAx181-Q1 is in shutdown mode, instead of assuming 500 k
Ω to
ground, assume 500 k
Ω to the reference voltage.
Regarding the 500-k
Ω path to the output pin, the output stage of a disabled INAx181-Q1 does constitute a good
path to ground. Consequently, this current is directly proportional to a shunt common-mode voltage present
across a 500-k
Ω resistor.
As a final note, as long as the shunt common-mode voltage is greater than VS when the device is powered up,
there is an additional and well-matched 55-µA typical current that flows in each of the inputs. If less than VS, the
common-mode input currents are negligible, and the only current effects are the result of the 500-k
Ω resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com