Electronic Components Datasheet Search
  English  ▼

X  

MCP6291IDBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MCP6291IDBVR
Description  10-MHz, Rail-to-Rail Operational Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MCP6291IDBVR Datasheet(HTML) 1 Page - Texas Instruments

  MCP6291IDBVR Datasheet HTML 1Page - Texas Instruments MCP6291IDBVR Datasheet HTML 2Page - Texas Instruments MCP6291IDBVR Datasheet HTML 3Page - Texas Instruments MCP6291IDBVR Datasheet HTML 4Page - Texas Instruments MCP6291IDBVR Datasheet HTML 5Page - Texas Instruments MCP6291IDBVR Datasheet HTML 6Page - Texas Instruments MCP6291IDBVR Datasheet HTML 7Page - Texas Instruments MCP6291IDBVR Datasheet HTML 8Page - Texas Instruments MCP6291IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
ZLOAD
RSHUNT
0.1
VBUS
5 V
RF
165 k
RG
3.4 k
VOUT
ILOAD
MCP629x
VSHUNT
0
10
20
30
40
50
60
0
50
100
150
200
250
300
Capacitive Load (pF)
Overshoot+
Overshoot-
C025
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
MCP6291, MCP6292, MCP6294
SBOS879C – JULY 2017 – REVISED JANUARY 2019
MCP629x 10-MHz, Rail-to-Rail Operational Amplifier
1
1 Features
1
•
Gain Bandwidth Product: 10-MHz Typical
•
Operating Supply Voltage: 2.4 V to 5.5 V
•
Rail-to-Rail Input/Output
•
Low Input Bias Current: 1 pA
•
Low Quiescent Current: 0.6 mA
•
Input Voltage Noise: 8.7 nV/
√Hz at f = 10 kHz
•
Internal RF and EMI Filter
•
Extended Temperature Range: –40°C to 125°C
•
Unity-Gain Stable
•
Easier to Stabilize With Higher Capacitive Load
Due to Resistive Open-Loop Output Impedance
2 Applications
•
Power Modules
•
Smoke Detectors
•
HVAC: Heating, Ventilating, and Air Conditioning
•
Battery-Powered Applications
•
Sensor Signal Conditioning
•
Photodiode Amplifier
•
Analog Filters
•
Medical Instrumentation
•
Notebooks and PDAs
•
Barcode Scanners
•
Audio Receiver
•
Automotive Infotainment
3 Description
The
MCP6291
(single),
MCP6292
(dual),
and
MCP6294 (quad) devices comprise a family of
general-purpose, low-power operational amplifiers.
Features such as rail-to-rail input and output swings,
low quiescent current (600-μA/ch typical) combined
with a wide bandwidth of 10 MHz, and low noise (8.7
nV/
√Hz at 10 kHz) make this family attractive for a
variety of applications that require a balance between
cost and performance. The low input bias current
enables the family to be used in applications with
high-source impedances.
The robust design of the MCP629x provides ease-of-
use to the circuit designer: a unity-gain stable,
integrated RFI and EMI rejection filter, no phase
reversal in overdrive condition, and high electrostatic
discharge (ESD) protection (4-kV HBM).
The MCP629x family operates over the extended
temperature range of –40°C to 125°C. The family has
a power supply range of 2.4 V to 5.5 V.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
MCP6291
SOT-23 (5)
1.60 mm × 2.90 mm
SC70 (5)
1.25 mm × 2.00 mm
MCP6292
SOIC (8)
3.91 mm × 4.90 mm
VSSOP (8)
3.00 mm × 3.00 mm
MCP6294
SOIC (14)
8.65 mm × 3.91 mm
TSSOP (14)
4.40 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Low-Side Motor Control
Small-Signal Overshoot vs Load Capacitance


Similar Part No. - MCP6291IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MCP6291IDBVR TI1-MCP6291IDBVR Datasheet
2Mb / 45P
MCP629x 10-MHz, Rail-to-Rail Operational Amplifier
MCP6291IDBVR TI2-MCP6291IDBVR Datasheet
2Mb / 50P
MCP629x 10-MHz, Rail-to-Rail Operational Amplifier
REVISED OCTOBER 2019
MCP6291IDBVR.A TI2-MCP6291IDBVR.A Datasheet
2Mb / 50P
MCP629x 10-MHz, Rail-to-Rail Operational Amplifier
REVISED OCTOBER 2019
MCP6291IDBVR.B TI2-MCP6291IDBVR.B Datasheet
2Mb / 50P
MCP629x 10-MHz, Rail-to-Rail Operational Amplifier
REVISED OCTOBER 2019
MCP6291IDBVRG4 TI2-MCP6291IDBVRG4 Datasheet
2Mb / 50P
MCP629x 10-MHz, Rail-to-Rail Operational Amplifier
REVISED OCTOBER 2019
More results

Similar Description - MCP6291IDBVR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
Rail-to-Rail Operational Amplifier
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
Rail-to-Rail Operational Amplifier
logo
ON Semiconductor
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
Rail-to-Rail Operational Amplifier
logo
Texas Instruments
MCP6291 TI1-MCP6291 Datasheet
1Mb / 25P
10-MHz, Rail-to-Rail Operational Amplifier
MCP6291 TI1-MCP6291_17 Datasheet
1Mb / 28P
10-MHz, Rail-to-Rail Operational Amplifier
MCP6291 TI1-MCP6291_18 Datasheet
1Mb / 32P
10-MHz, Rail-to-Rail Operational Amplifier
MCP6291_018 TI1-MCP6291_018 Datasheet
1Mb / 33P
10-MHz, Rail-to-Rail Operational Amplifier
MCP6291 TI1-MCP6291_V01 Datasheet
2Mb / 45P
MCP629x 10-MHz, Rail-to-Rail Operational Amplifier
logo
ON Semiconductor
NCS20161 ONSEMI-NCS20161 Datasheet
321Kb / 22P
8 MHz, Rail-To-Rail, CMOS Operational Amplifier
October, 2022 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com