Electronic Components Datasheet Search
  English  ▼

X  

MPQ8623GD Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ8623GD
Description  16V, 6A, High Efficiency, Synchronous, Step-Down Converter with Adjustable Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8623GD Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ8623GD Datasheet HTML 1Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 2Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 3Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 4Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 5Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 6Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 7Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 8Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MPQ8623 – 16V, 6A, HIGH EFFICIENCY SYNC STEP-DOWN CONVERTER W/ ADJUSTABLE CURRENT LIMIT
MPQ8623 Rev. 1.01
www.MonolithicPower.com
3
10/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MPQ8623GD
QFN-14 (2mmx3mm)
See Below
* For Tape & Reel, add suffix
–Z (e.g. MPQ8623GD–Z)
TOP MARKING
ARM: Product code of MPQ8623GD
Y: Year code
WW: Week code
LLL: Lot number
PACKAGE REFERENCE
TOP VIEW
MODE
BST
SW
VIN
PGND
VCC
PGND
PGOOD
TRK/REF
EN
AGND
CS
1
2
3
4
5
12
10
9
8
6
7
14
13
FB
SW
11
QFN-14 (2mmx3mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com