Electronic Components Datasheet Search
  English  ▼

X  

MPQ8623GD Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MPQ8623GD
Description  16V, 6A, High Efficiency, Synchronous, Step-Down Converter with Adjustable Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8623GD Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MPQ8623GD Datasheet HTML 10Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 11Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 12Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 13Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 14Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 15Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 16Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 17Page - Monolithic Power Systems MPQ8623GD Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MPQ8623 – 16V, 6A, HIGH EFFICIENCY SYNC STEP-DOWN CONVERTER W/ ADJUSTABLE CURRENT LIMIT
MPQ8623 Rev. 1.01
www.MonolithicPower.com
14
10/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Figure 4 shows pulse-skip mode operation at
light-load condition. When FB drops below the
superimposed COMP, the HS-FET turns on for a
fixed interval. When the HS-FET turns off, the
LS-FET turns on until the inductor current
reaches zero. In pulse-skip mode operation, FB
does not reach the superimposed COMP when
the inductor current approaches zero. The LS-
FET driver turns into tri-state (high-Z) when the
inductor
current
reaches
zero.
A
current
modulator takes over the control of the LS-FET
and limits the inductor current to less than
-
1mA. Therefore, the output capacitors discharge
slowly to PGND through the LS-FET. At light-
load condition, the HS-FET is not turned on as
frequently in pulse-skip mode as it is in forced
CCM. As a result, the efficiency in pulse-skip
mode is improved greatly compared to that in
forced CCM operation.
PWM
REF
RAMP
FB
COMP
TON
HS-FET
Driver
LS-FET
Driver
IL
IO
Figure 4: Pulse Skip in Light Load
As the output current increases from the light-
load condition, the time period the current
modulator regulates in becomes shorter. The
HS-FET is turned on more frequently, and the
switching frequency increases accordingly. The
output current reaches critical levels when the
current modulator time is zero. The critical level
of the output current can be determined with
Equation (1):
IN
SW
OUT
OUT
IN
OUT
V
F
L
2
V
)
V
V
(
I
(1)
Where FSW is the switching frequency.
The MPQ8623 enters PWM mode once the
output
current
exceeds
the
critical
level.
Afterward, the switching frequency remains fairly
constant over the output current range.
The MPQ8623 can be configured to operate in
forced CCM even in light-load condition (see
Table 1).
Mode Selection
The MPQ8623 provides both forced CCM
operation and pulse-skip operation in light-load
condition. The MPQ8623 has three options for
switching frequency. Selecting the operation
mode
under
light-load
condition
and
the
switching frequency is done by choosing the
resistance value of the resistor connected
between MODE and AGND or VCC (see Table
1).
Table 1: Mode Selection
MODE
Light-Load
Mode
Switching
Frequency
AGND
Forced CCM
1100kHz
30.1kΩ (±20%)
to AGND
Forced CCM
2000kHz
60.4kΩ (±20%)
to AGND
Forced CCM
600kHz
121kΩ (±20%)
to AGND
Pulse skip
600kHz
243kΩ (±20%)
to AGND
Pulse skip
2000kHz
VCC
Pulse skip
1100Hz
Soft Start (SS)
The minimum soft-start time is limited to 1.5ms.
This
can
be
increased
by
choosing
the
capacitance between TRK/REF and AGND. A
minimum value of 3.3nF for this capacitor is
always required to stabilize the reference voltage.
The capacitance of this capacitor can be
determined with Equation (2) and Equation (3):
17
~
3
.
3
)
(
nF
C
REF
(tSS = 1.5ms) (2)
V
A
ms
t
nF
C
ss
REF
9
.
0
10
)
(
)
(
(tSS > 1.5ms) (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com