Electronic Components Datasheet Search
  English  ▼

X  

PFR Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PFR
Description  Polypropylene film/foil capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PFR Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PFR Datasheet HTML 1Page - List of Unclassifed Manufacturers PFR Datasheet HTML 2Page - List of Unclassifed Manufacturers PFR Datasheet HTML 3Page - List of Unclassifed Manufacturers PFR Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
216
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Max
tance
dU/dt
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
V/µs
Article code
PFR
63 VDC / 40 VAC
0.00010
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 101J63J11L4 BULK
0.00015
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 151J63J11L4 BULK
0.00022
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 221J63J11L4 BULK
0.00033
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 331J63J11L4 BULK
0.00047
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 471J63J11L4 BULK
0.00068
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 681J63J11L4 BULK
0.0010
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 102J63J11L4 BULK
0.0015
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 152J63J11L4 BULK
0.0022
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 222J63J11L4 BULK
0.0033
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 332J63J11L4 BULK
0.0047
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 472J63J11L4 BULK
0.0068
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 682J63J11L4 BULK
0.010
5.5
7.0
7.2
5.0
1000
1200
1300
1000
PFR5 103J63J12L4 BULK
0.015
6.5
8.0
7.2
5.0
1000
900
1100
1000
PFR5 153J63J13L4 BULK
0.020
6.5
8.0
7.2
5.0
1000
900
1100
1000
PFR5 203J63J13L4 BULK
0.022
6.5
8.0
7.2
5.0
1000
900
1100
1000
PFR5 223J63J13L4 BULK
100 VDC/ 63 VAC
0.00010
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 101J100J11L4 BULK
0.00015
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 151J100J11L4 BULK
0.00022
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 221J100J11L4 BULK
0.00033
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 331J100J11L4 BULK
0.00047
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 471J100J11L4 BULK
0.00068
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 681J100J11L4 BULK
0.001
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 102J100J11L4 BULK
0.0015
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 152J100J11L4 BULK
0.0022
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 222J100J11L4 BULK
0.0033
5.5
7.0
7.2
5.0
1000
1200
1300
1000
PFR5 332J100J12L4 BULK
0.0047
5.5
7.0
7.2
5.0
1000
1200
1300
1000
PFR5 472J100J12L4 BULK
0.0068
6.5
8.0
7.2
5.0
1000
900
1100
1000
PFR5 682J100J13L4 BULK
0.010
6.5
8.0
7.2
5.0
1000
900
1100
1000
PFR5 103J100J13L4 BULK
250 VDC/ 160 VAC
0.00010
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 101J250J11L4 BULK
0.00015
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 151J250J11L4 BULK
0.00022
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 221J250J11L4 BULK
0.00033
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 331J250J11L4 BULK
0.00047
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 471J250J11L4 BULK
0.00068
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 681J250J11L4 BULK
0.0010
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 102J250J11L4 BULK
0.0015
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 152J250J11L4 BULK
0.0022
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 222J250J11L4 BULK
0.0033
5.5
7.0
7.2
5.0
1000
1200
1300
1000
PFR5 332J250J12L4 BULK
0.0047
6.5
8.0
7.2
5.0
1000
900
1100
1000
PFR5 472J250J13L4 BULK
0.0068
6.5
8.0
7.2
5.0
1000
900
1100
1000
PFR5 682J250J13L4 BULK
400 VDC/ 220 VAC
0.00010
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 101J400J11L4 BULK
0.00015
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 151J400J11L4 BULK
0.00022
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 221J400J11L4 BULK
0.00033
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 331J400J11L4 BULK
0.00047
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 471J400J11L4 BULK
0.00068
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 681J400J11L4 BULK
0.0010
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 102J400J11L4 BULK
0.0015
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 152J400J11L4 BULK
0.0022
4.5
6.0
7.2
5.0
1000
1500
1700
1000
PFR5 222J400J11L4 BULK
0.0033
5.5
7.0
7.2
5.0
1000
1200
1300
1000
PFR5 332J400J12L4 BULK
0.0047
6.5
8.0
7.2
5.0
1000
900
1100
1000
PFR5 472J400J13L4 BULK
0.0068
6.5
8.0
7.2
5.0
1000
900
1100
1000
PFR5 682J400J13L4 BULK



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com