Electronic Components Datasheet Search
  English  ▼

X  

PFR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PFR
Description  Polypropylene film/foil capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PFR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PFR Datasheet HTML 1Page - List of Unclassifed Manufacturers PFR Datasheet HTML 2Page - List of Unclassifed Manufacturers PFR Datasheet HTML 3Page - List of Unclassifed Manufacturers PFR Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
214
63
100
250
400
630
1000
40
63
160
220
250
250
100–
100–
100–
100–
100–
100–
22000
10000
6800
6800
4700
680
Capacitance measured at f=1kHz, T=20°C
For C
≤ 1000 pF, f = 100 kHz.
±10%, ±5%, ±2.5%, ±2%, ±1%
2 x U
R for 2s
–55 ... +100°C
An operating temperature up to +105°C is allowed
under certain conditions. For details consult Evox
Rifa.
IEC 60068-1, 55/100/56
DIN 40040, FMD
Max. 0.3% after a 2 year storage period at a
temperature of +10° ... +40°C and a relative humidity
of 40 ... 60%.
–200 (+50, –100) ppm/°C (at 1 kHz)
Approximately 6 nH/cm for the total length of
capacitor winding and leads.
Maximum values at +23°C
C
≤1000 pF 1000 pF<C≤4700 pF C>4700 pF
1 kHz
≤ 0.04%
0.04%
0.04%
10 kHz
≤ 0.04%
0.05%
0.07%
100 kHz
≤ 0.05%
0.07%
Measured at +20°C, according to IEC 60384-13.
Minimum value between terminals: 500 000 M
Ω
Rated voltage U
R
, VDC
Rated voltage U
R, VAC
Capacitance range, pF
Capacitance tolerance
DC Test voltage
Temperature range
Climatic category
Capacitance drift
Temperature coefficient
Self inductance
Dissipation factor tan
δδδδδ
Insulation resistance
PFR
• Polypropylene film/foil capacitor
• According to IEC 60384-13
TYPICAL APPLICATIONS
High speed applications requiring low
losses at high frequencies and high dU/dt.
Typical applications electrical ballasts,TV/
video, telecommunications.
CONSTRUCTION
Capacitor with polypropylene film and
metal foil electrodes. Radial leads of tinned
wire are electrically welded to the winding.
Encapsulation in self-extinguishing material
meeting the requirements of UL 94V-0.
GENERAL DATA
7.2 max
H max
B max
5.0 – 0.4
4
+1
∅ 0.5


Similar Part No. - PFR

ManufacturerPart #DatasheetDescription
logo
Good Will Instrument Co...
PFR-100L GWINSTEK-PFR-100L Datasheet
452Kb / 2P
FANLESS MULTI-RANGE D.C. POWER SUPPLY
PFR-100L GWINSTEK-PFR-100L Datasheet
2Mb / 6P
Fanless Multi-Range D.C. Power Supply
PFR-100L-GL GWINSTEK-PFR-100L-GL Datasheet
2Mb / 6P
Fanless Multi-Range D.C. Power Supply
PFR-100L-GL-GTL-246 GWINSTEK-PFR-100L-GL-GTL-246 Datasheet
2Mb / 6P
Fanless Multi-Range D.C. Power Supply
PFR-100L-GL-GTL-258 GWINSTEK-PFR-100L-GL-GTL-258 Datasheet
2Mb / 6P
Fanless Multi-Range D.C. Power Supply
More results

Similar Description - PFR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
KP1830 VISHAY-KP1830 Datasheet
38Kb / 2P
Polypropylene Film Capacitor
01-Dec-03
logo
List of Unclassifed Man...
PHE448 ETC-PHE448 Datasheet
55Kb / 2P
Pulse capacitor, polypropylene film/foil
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
Polypropylene film foil capacitors
logo
Cornell Dubilier Electr...
WPP1D1K-F CDE-WPP1D1K-F Datasheet
156Kb / 2P
Film/Foil Polypropylene Capacitors
logo
Vishay Siliconix
KP460 VISHAY-KP460_02 Datasheet
1Mb / 29P
Polypropylene film foil capacitors
logo
Panasonic Semiconductor
ECQ-P6472JU PANASONIC-ECQ-P6472JU Datasheet
100Kb / 3P
Polypropylene Film Capacitor
ECQ-P6104JU PANASONIC-ECQ-P6104JU Datasheet
100Kb / 3P
Polypropylene Film Capacitor
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
Capacitor, film, Film-Foil Polypropylene
PHE448 KEMET-PHE448 Datasheet
130Kb / 2P
Pulse capacitor, polypropylene film/foil
A72EF1470AA00J KEMET-A72EF1470AA00J Datasheet
668Kb / 14P
A72, Polypropylene Film/Foil, Axial
9/28/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com