Electronic Components Datasheet Search
  English  ▼

X  

AL5817 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL5817
Description  60V LINEAR DIMMABLE LED CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5817 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL5817 Datasheet HTML 4Page - Diodes Incorporated AL5817 Datasheet HTML 5Page - Diodes Incorporated AL5817 Datasheet HTML 6Page - Diodes Incorporated AL5817 Datasheet HTML 7Page - Diodes Incorporated AL5817 Datasheet HTML 8Page - Diodes Incorporated AL5817 Datasheet HTML 9Page - Diodes Incorporated AL5817 Datasheet HTML 10Page - Diodes Incorporated AL5817 Datasheet HTML 11Page - Diodes Incorporated AL5817 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AL5817
Document number: DS40391 Rev. 3 - 2
8 of 13
www.diodes.com
August 2018
© Diodes Incorporated
AL5817
Application Information
AL5817
VCC
REF
FB
VFAULT
OUT
VSET
GND
ENB
C1
R2
R3
D1
R4
VIN
R5
R1
Q1
AL5817
VCC
REF
FB
VFAULT
OUT
VSET
GND
ENB
C1
R2
R3
D1
R4
VIN
R5
R1
Q1
Figure 3. Typical Application
Output Drive
Figure 3 shows the typical output drive configuration. The feedback loop regulates the current through the external LEDs. The voltage across the
external sense resistor (R1) is fed to the FB pin for sensing. When the voltage exceeds VSET voltage the OUT goes lower, decreasing the drive to
the external transistor.
The output current can be set as following:
Where ILED is the desired LED current, VVSET is determined by R5 and R6 resistor divider and R1 is the sense resistor.
The power in the sense resistor is calculated as:
Where VVSET = VSET voltage and ILED is the desired LED string current. For most cases, a standard 1/4W resister will work. Similarly, the external
transistor
’s power dissipation also must be considered to prevent thermal damage to the transistor, which can further damage the LED controller
IC.
Power Consideration of the NMOS or BJT Device
The power rating of the transistor (either BJT or NMOS) used in the typical application circuit is important. A correctly mounted transistor used in a
typical application can dissipate power of up to 2W. To calculate power dissipation, first calculate the voltage drop across the transistor as follows:
Then calculate the power dissipation requirement:
If power dissipation is higher than the transistor package and layout can dissipate then a higher power dissipation transistor must be selected
and/or use a better PCB layout.
Multiple LED Strings in Parallel
AL5817 can drive more than one channel of LED strings. As shown in Figure 4
, the sense voltage of two channels’ (or more) output current can be
implemented by connecting the voltage of one sense resistor to the FB pin.
By utilizing the same type transistors, sense resistors and series base resistors, the currents in all channels will match.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com