Electronic Components Datasheet Search
  English  ▼

X  

AL5817 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL5817
Description  60V LINEAR DIMMABLE LED CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5817 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL5817 Datasheet HTML 1Page - Diodes Incorporated AL5817 Datasheet HTML 2Page - Diodes Incorporated AL5817 Datasheet HTML 3Page - Diodes Incorporated AL5817 Datasheet HTML 4Page - Diodes Incorporated AL5817 Datasheet HTML 5Page - Diodes Incorporated AL5817 Datasheet HTML 6Page - Diodes Incorporated AL5817 Datasheet HTML 7Page - Diodes Incorporated AL5817 Datasheet HTML 8Page - Diodes Incorporated AL5817 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AL5817
Document number: DS40391 Rev. 3 - 2
3 of 13
www.diodes.com
August 2018
© Diodes Incorporated
AL5817
Functional Block Diagram
Figure 2
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VVCC
Supply Voltage Relative to GND
-0.3 to 65
V
IVCC
IC Supply Current
18
mA
VVFAULT
Input Voltage Relative to GND
-0.3 to VCC
V
VREF, VVSET,
VENB, VOUT, VFB
Input Voltage of REF, VSET, ENB, OUT, FB Relative to GND
-0.3 to 6
V
TJ
Operating Junction Temperature
-40 to +150
°C
TST
Storage Temperature
-55 to +150
°C
Note:
4.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional ope
ration of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not
implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com