Electronic Components Datasheet Search
  English  ▼

X  

AL8861 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL8861
Description  40V 1.5A BUCK LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8861 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL8861 Datasheet HTML 1Page - Diodes Incorporated AL8861 Datasheet HTML 2Page - Diodes Incorporated AL8861 Datasheet HTML 3Page - Diodes Incorporated AL8861 Datasheet HTML 4Page - Diodes Incorporated AL8861 Datasheet HTML 5Page - Diodes Incorporated AL8861 Datasheet HTML 6Page - Diodes Incorporated AL8861 Datasheet HTML 7Page - Diodes Incorporated AL8861 Datasheet HTML 8Page - Diodes Incorporated AL8861 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AL8861
Document number: DS39435 Rev. 3 - 2
2 of 18
www.diodes.com
October 2017
© Diodes Incorporated
AL8861
Typical Applications Circuit
Pin Descriptions
Pin Number
Pin Name
Function
TSOT25/
SOT89-5
MSOP-8EP
1
5, 6
LX
Drain of NDMOS Switch
2
2, 3
GND
Ground (0V)
3
4
VSET
Multi-Function On/Off and Brightness Control Pin:
Leave floating for normal operation
Drive to voltage below 0.2V to turn off output current
Drive with DC voltage (0.3V < VSET < 2.5V) to adjust output current from 0 to 100% of
IOUTNOM. Linear adjustment range from 5% to 100% of IOUTNOM
Drive with PWM signal from open-collector or open-drain transistor, to adjust output
current.
Linear adjustment range from 1% to 100% of IOUTNOM for f < 500Hz
Connect a capacitor from this pin to Ground to increase soft-start time. (Default soft-start
time = 0.1ms. Additional soft-start time is approximately 1.5ms/1nF)
4
1
ISENSE
Connect resistor RS from this pin to VIN to define nominal average output current.
IOUTNOM = 0.1/RS
5
8
VIN
Input voltage (4.5V to 40V).
Decouple to Ground with 10μF or higher X7R ceramic capacitor
close to device.
—
7
N/C
No Connection
VIN
ISENSE
VSET
LX
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com