Electronic Components Datasheet Search
  English  ▼

X  

AL8861 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL8861
Description  40V 1.5A BUCK LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8861 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL8861 Datasheet HTML 1Page - Diodes Incorporated AL8861 Datasheet HTML 2Page - Diodes Incorporated AL8861 Datasheet HTML 3Page - Diodes Incorporated AL8861 Datasheet HTML 4Page - Diodes Incorporated AL8861 Datasheet HTML 5Page - Diodes Incorporated AL8861 Datasheet HTML 6Page - Diodes Incorporated AL8861 Datasheet HTML 7Page - Diodes Incorporated AL8861 Datasheet HTML 8Page - Diodes Incorporated AL8861 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AL8861
Document number: DS39435 Rev. 3 - 2
3 of 18
www.diodes.com
October 2017
© Diodes Incorporated
AL8861
Functional Block Diagram
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
-0.3 to +42
V
VLX ,VISENSE
LX, ISENSE Pin Voltage
-0.3 to +42
V
VVSET
VSET Pin Voltage
-0.3 to +6
V
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10sec)
+260
°C
θJA
Thermal Resistance (Junction to Ambient)
TSOT25 (Note 5)
147
°C/W
SOT89-5 (Note 6)
116
MSOP-8EP (Note 7)
56
θJC
Thermal Resistance (Junction to Case)
TSOT25 (Note 5)
27
°C/W
SOT89-5 (Note 6)
24
MSOP-8EP (Note 7)
15
Note:
4.
Stresses greater than those listed under ―Absolute Maximum Ratings‖ may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under ―Recommended Operating Conditions‖ is not implied.
Exposure to ―Absolute Maximum Ratings‖ for extended periods may affect device reliability.
5. Device mounted on 1"x1" FR-4 MRP substrate PC board, 2oz cooper, with minimum recommended pad layout.
6. Device mounted on 1"*1" FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
7. Device mounted on 2"*2" FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
VIN
VDD
Generator
BG &
Reference
Hysteresis
Control
Current
Monitor
PWM/DC
Dimming
OTP
Current
Limiter
Logic & Driver
OTP
Comp
PWM
4.5V
4.5V Drv
Ref
PWM
VSET
ISENSE
GND
LX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com