Electronic Components Datasheet Search
  English  ▼

X  

AL8862 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL8862
Description  60V 1A STEP-DOWN LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8862 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL8862 Datasheet HTML 4Page - Diodes Incorporated AL8862 Datasheet HTML 5Page - Diodes Incorporated AL8862 Datasheet HTML 6Page - Diodes Incorporated AL8862 Datasheet HTML 7Page - Diodes Incorporated AL8862 Datasheet HTML 8Page - Diodes Incorporated AL8862 Datasheet HTML 9Page - Diodes Incorporated AL8862 Datasheet HTML 10Page - Diodes Incorporated AL8862 Datasheet HTML 11Page - Diodes Incorporated AL8862 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AL8862
Document number: DS40375 Rev. 1 - 2
8 of 16
www.diodes.com
December 2017
© Diodes Incorporated
AL8862
Typical Performance Characteristics (Cont.) (TA = +25°C, VIN = 16V, unless otherwise noted.)
Operating Frequency vs. Input Voltage
(Rs=0.3Ω, L=100μH)
Operating Frequency vs. Input Voltage
(Rs=0.15Ω, L=68μH)
Operating Frequency vs. Input Voltage
( Rs=0.1Ω, L=100μH)
LED Current vs. Output Voltage
(Rs=0.3Ω, L=100μH)
LED Current vs. Output Voltage
( Rs=0.15Ω, L=68μH)
LED Current vs. Output Voltage
(Rs=0.1Ω, L=100μH)
3
6
9 12 15 18 21 24 27 30 33 36 39 42 45 48 51 54 57 60
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
850
900
Input Voltage(V)
L=100uH, Rs=0.3
Vo=3.3V
Vo=9.9V
Vo=16.5V
Vo=23.1V
Vo=29.7V
Vo=36.3V
Vo=42.9V
Vo=49.5V
3
6
9 12 15 18 21 24 27 30 33 36 39 42 45 48 51 54 57 60
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
850
Input Voltage(V)
L=68uH, Rs=0.15
Vo=3.3V
Vo=9.9V
Vo=16.5V
Vo=23.1V
Vo=29.7V
Vo=36.3V
Vo=42.9V
Vo=49.5V
3
6
9 12 15 18 21 24 27 30 33 36 39 42 45 48 51 54 57 60
0
50
100
150
200
250
300
350
400
450
500
550
600
L=100uH, Rs=0.1
Vo=3.3V
Vo=9.9V
Vo=16.5V
Vo=23.1V
Vo=29.7V
Vo=36.3V
Vo=42.9V
Vo=49.5V
Input Voltage(V)
3
6
9
12 15 18 21 24 27 30 33 36 39 42 45 48 51 54
312
316
320
324
328
332
336
340
344
348
352
356
Output Voltage(V)
L=100uH,Rs=0.3
Vin=12V
Vin=18V
Vin=24V
Vin=30V
Vin=36V
Vin=42V
Vin=48V
Vin=54V
Vin=60V
3
6
9
12 15 18 21 24 27 30 33 36 39 42 45 48 51 54
630
633
636
639
642
645
648
651
654
657
660
663
666
669
672
675
678
681
684
687
690
Output Voltage(V)
L=68uH,Rs=0.15
Vin=12V
Vin=18V
Vin=24V
Vin=30V
Vin=36V
Vin=42V
Vin=48V
Vin=54V
Vin=60V
3
6
9
12 15 18 21 24 27 30 33 36 39 42 45 48 51 54
984
986
988
990
992
994
996
998
1000
1002
1004
1006
1008
1010
1012
1014
1016
Output Voltage(V)
L=100uH,Rs=0.1
Vin=12V
Vin=18V
Vin=24V
Vin=30V
Vin=36V
Vin=42V
Vin=48V
Vin=54V
Vin=60V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com