Electronic Components Datasheet Search
  English  ▼

X  

AL8862 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL8862
Description  60V 1A STEP-DOWN LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8862 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL8862 Datasheet HTML 1Page - Diodes Incorporated AL8862 Datasheet HTML 2Page - Diodes Incorporated AL8862 Datasheet HTML 3Page - Diodes Incorporated AL8862 Datasheet HTML 4Page - Diodes Incorporated AL8862 Datasheet HTML 5Page - Diodes Incorporated AL8862 Datasheet HTML 6Page - Diodes Incorporated AL8862 Datasheet HTML 7Page - Diodes Incorporated AL8862 Datasheet HTML 8Page - Diodes Incorporated AL8862 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AL8862
Document number: DS40375 Rev. 1 - 2
3 of 16
www.diodes.com
December 2017
© Diodes Incorporated
AL8862
Functional Block Diagram
VDD
Generator
BG &
Reference
PWM/DC
Dimming
Current
Monitor
Hysteresis
Control
OTP
Logic
Ilimiter
VIN
CTRL
SET
SW
GND
PWM
PWM
OTP
Ref
Comp
SW
Driver
AL8862
8
5, 6
4
1
2, 7
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
-0.3 to 65
V
VSW , VSET
SW, SET Pin Voltage
-0.3 to 65
V
VCTRL
CTRL Pin Input Voltage
-0.3 to 6
V
TA
Operating Ambient Temperature
-40 to +105
°C
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10sec)
+300
°C
Note:
4.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not
implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com