Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1366Q Datasheet(PDF) 17 Page - Diodes Incorporated

Part # ZXLD1366Q
Description  AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1366Q Datasheet(HTML) 17 Page - Diodes Incorporated

Back Button ZXLD1366Q Datasheet HTML 13Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 14Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 15Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 16Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 17Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 18Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 19Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 20Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 21Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
ZXLD1366Q
Document number: DS37078 Rev. 2 - 2
17 of 32
www.diodes.com
April 2018
© Diodes Incorporated
ZXLD1366Q
Application Information
Setting Nominal Average Output Current with External Resistor RS
The nominal average output current in the LED(s) is determined by the value of the external current sense resistor (RS) connected between VIN
and ISENSE and is given by:
IOUTnom = 0.2/RS for RS
≥ 0.2Ω
The table below gives values of nominal average output current for several preferred values of current sense resistor (RS) in the typical application
circuit shown on page 1:
RS (
Ω)
Nominal Average Output
Current (mA)
0.20
1,000
0.27
740
0.56
357
The above values assume that the ADJ pin is floating and at a nominal voltage of VREF (= 1.25V). Note that RS = 0.2
Ω is the minimum allowed
value of sense resistor under these conditions to maintain switch current below the specified maximum value.
It is possible to use different values of RS if the ADJ pin is driven from an external voltage (see next section).
Output Current Adjustment by External DC Control Voltage
The ADJ pin can be driven by an external DC voltage (VADJ), as shown, to adjust the output current to a value above or below the nominal
average value defined by RS.
The nominal average output current in this case is given by:
IOUTdc = (VADJ /1.25) x (0.2/RS) for 0.3 < VADJ < 2.5V
Note that the 100% brightness setting corresponds to VADJ = VREF. When driving the ADJ pin above 1.25V, RS must be increased in proportion to
prevent IOUTdc exceeding 1A maximum.
The input impedance of the ADJ pin is 50kΩ ±25% for voltages below VREF and 14.2kΩ ±25% for voltages above VREF +100mV.
Output Current Adjustment by PWM Control
Directly Driving ADJ Input
A Pulse Width Modulated (PWM) signal with duty cycle DPWM can be applied to the ADJ pin, as shown below, to adjust the output current to a
value above or below the nominal average value set by resistor RS:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com