Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1366Q Datasheet(PDF) 22 Page - Diodes Incorporated

Part # ZXLD1366Q
Description  AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1366Q Datasheet(HTML) 22 Page - Diodes Incorporated

Back Button ZXLD1366Q Datasheet HTML 18Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 19Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 20Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 21Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 22Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 23Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 24Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 25Page - Diodes Incorporated ZXLD1366Q Datasheet HTML 26Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ZXLD1366Q
Document number: DS37078 Rev. 2 - 2
22 of 32
www.diodes.com
April 2018
© Diodes Incorporated
ZXLD1366Q
Application Information (Cont.)
Figure 5. ZXLD1366Q Minimum Recommended Inductor (V-DFN3030-6)
M in im u m R e c o m m e n d e d In d u c to r
2% Accuracy, <60°C C ase T em perature
0.00
10.00
20.00
30.00
40.00
50.00
60.00
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
S u p p ly V o lta g e (V )
Legend
68µH
100µH
150µH
220µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com