Electronic Components Datasheet Search
  English  ▼

X  

1407641 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1407641
Description  Housing - HC-EVO-B10-CHWD-PLRBK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1407641 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1407641 Datasheet HTML 1Page - PHOENIX CONTACT 1407641 Datasheet HTML 2Page - PHOENIX CONTACT 1407641 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1407641
1/30/14   Page 1 / 3
Housing - HC-EVO-B10-CHWD-PLRBK - 1407641
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
HEAVYCON EVO coupling housing, plastic, with bayonet flange for EVO screw connection, B10, with double
locking latch, height: 90 mm, without EVO screw connection
Product Features
 Flexible cable outlet direction, lateral or straight
 Lower costs than metal version
 Labeling option using 9 x 20 mm marking label
 Low weight
 Lower risk of condensation
 Both contact insert PE sheets are connected by means of a metal frame integrated in the sleeve housing
 Metal inlays ensure leading PE contact with angled plugs
 Completely corrosion-resistant
 Halogen-free plastic
 Impact test according to IK 08
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
120.0 GRM
Custom tariff number
85389099
Country of origin
Poland
Technical data
Dimensions
Height
90 mm
Width
44 mm
Length
73 mm
Ambient conditions


Similar Part No. - 1407641

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407640 PHOENIX-1407640 Datasheet
60Kb / 3P
Housing - HC-EVO-B10-CHWS-PLRBK
1407642 PHOENIX-1407642 Datasheet
58Kb / 3P
Housing - HC-EVO-B16-HHFS-PLBK
1407643 PHOENIX-1407643 Datasheet
58Kb / 3P
Housing - HC-EVO-B16-HHFD-PLBK
1407644 PHOENIX-1407644 Datasheet
61Kb / 3P
Housing - HC-EVO-B16-HHWD-PLBK
1407646 PHOENIX-1407646 Datasheet
65Kb / 3P
Housing - HC-EVO-B16-BWS-PLRBK
More results

Similar Description - 1407641

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407632 PHOENIX-1407632 Datasheet
74Kb / 3P
Housing - HC-EVO-B10-BWS-PLRBK
1407633 PHOENIX-1407633 Datasheet
73Kb / 3P
Housing - HC-EVO-B10-BWSC-PLRBK
1407635 PHOENIX-1407635 Datasheet
64Kb / 3P
Housing - HC-EVO-B10-BFDC-PLRBK
1407637 PHOENIX-1407637 Datasheet
60Kb / 4P
Housing - HC-EVO-B10-SHWSC-2SSM32-PLRBK
1407638 PHOENIX-1407638 Datasheet
63Kb / 3P
Housing - HC-EVO-B10-SHWD-2SSM32-PLRBK
1407639 PHOENIX-1407639 Datasheet
69Kb / 3P
Housing - HC-EVO-B10-SHFDC-2SSM32-PLRBK
1407640 PHOENIX-1407640 Datasheet
60Kb / 3P
Housing - HC-EVO-B10-CHWS-PLRBK
1407668 PHOENIX-1407668 Datasheet
61Kb / 3P
Housing - HC-EVO-B24-CHWD-PLRBK
1421356 PHOENIX-1421356 Datasheet
72Kb / 3P
Housing - HC-EVO-B10-SHWD-2SSM20-PLRBK
1407634 PHOENIX-1407634 Datasheet
392Kb / 9P
Housing - HC-EVO-B10-BWD-PLRBK
Jul 20, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com