Electronic Components Datasheet Search
  English  ▼

X  

1407641 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1407641
Description  Housing - HC-EVO-B10-CHWD-PLRBK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1407641 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1407641 Datasheet HTML 1Page - PHOENIX CONTACT 1407641 Datasheet HTML 2Page - PHOENIX CONTACT 1407641 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/products/1407641
1/30/14   Page 2 / 3
Housing - HC-EVO-B10-CHWD-PLRBK - 1407641
Technical data
Ambient conditions
Degree of protection of housing (IP)
IP66
IP68 (0.2 bar 24 h)
IP69K
Degree of protection of housing (NEMA)
4 (UL50e / NEMA 250)
4X (UL50e / NEMA 250)
12 (UL50e / NEMA 250)
Ambient temperature (operation)
-40 °C ... 125 °C (static)
General
Note
For contact inserts HC-B10, BB18, DD42, M, K8/24, HV03-I-PT, HC- 3-
E...C
Design
B10
Housing type
Coupling housings
Color
black
Locking type
With double locking latch
No. of cable exits
1
Cable exit
Straight
Lateral
Screw connection
None
Housing material
Polyamide
Seal material
NBR
Material lock
Polyamide
Inflammability class according to UL 94
V0
Connection
The coupling housing must be supplemented with the EVO screw
connection. The EVO screw connection is available in four sizes. The EVO
screw connection is mounted with the aid of a pipe wrench, for example.
Classifications
eCl@ss
eCl@ss 4.0
27140816
eCl@ss 4.1
27140816
eCl@ss 5.0
27143424
eCl@ss 5.1
27143424
eCl@ss 6.0
27143424
eCl@ss 7.0
27440209
eCl@ss 8.0
27440209



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com