Electronic Components Datasheet Search
  English  ▼

X  

EC5116 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC5116
Description  3A, 40V Asynchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5116 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC5116 Datasheet HTML 1Page - E-CMOS Corporation EC5116 Datasheet HTML 2Page - E-CMOS Corporation EC5116 Datasheet HTML 3Page - E-CMOS Corporation EC5116 Datasheet HTML 4Page - E-CMOS Corporation EC5116 Datasheet HTML 5Page - E-CMOS Corporation EC5116 Datasheet HTML 6Page - E-CMOS Corporation EC5116 Datasheet HTML 7Page - E-CMOS Corporation EC5116 Datasheet HTML 8Page - E-CMOS Corporation EC5116 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EC5116
E-CMOS Corp. (www.ecmos.com.tw)
7I26N-Rev. F001
3A, 40V Asynchronous Step-Down Converter
2/12
Ordering/Marking Information
EC5116 XX X X
R:Tape & Reel
Package Type:
F:Pb Free
MH:ESOP8
G:Green
M1 :SOP8
Pin Configurations
Absolute Maximum Ratings
VIN, EN, SW Pin..............................................................................................................
-0.3Vto 45V
BST Pin............................................................................................................................
SW-0.3V to SW+5V
All other pins.....................................................................................................................
-0.3V to 6V
Junction Temperature2) 3) ...............................................................................................
150ºC
Lead Temperature.............................................................................................................
260ºC
Storage Temperature ........................................................................................................
-65ºC to +150ºC
Recommended Operating Conditions
Input Voltage VIN ..............................................................................................................
4.6Vto 40V
Output voltage Vout ........................................................................................................... 0.8Vto 37V
Operating Junction Temp.
........................................................................................ -40ºCto 125ºC
Thermal Performance
SOP8 .................................................................................................................................. 96....45ºC/W
ESOP8 ................................................................................................................................ 50....10ºC/W
Device
Marking
Package
Information
EC5116MNXR
EC5116
LLLLL
YYWW
ESOP8
YY: Year code
WW: Week code
LLLLL: Lot no.
EC5116M1XR
EC5116
LLLLL
YYWW
SOP8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com