Electronic Components Datasheet Search
  English  ▼

X  

1668 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 1668
Description  DUAL TONE MELODY XMAS LIGHT CONTROL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1668 Datasheet(HTML) 3 Page - Unisonic Technologies

  1668 Datasheet HTML 1Page - Unisonic Technologies 1668 Datasheet HTML 2Page - Unisonic Technologies 1668 Datasheet HTML 3Page - Unisonic Technologies 1668 Datasheet HTML 4Page - Unisonic Technologies 1668 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1668
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R120-002.B
ELECTRICAL CHARACTERISTICS (V
DD=4.3V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP
MAX
UNIT
Operating Voltage
VDD
4.3
5
V
Operating Current
IOP
No load
2
mA
BZ Driving Current
IOH
VDS=1V
0.2
mA
Oscillator Frequency
FOSC
External 30%, ROSC=270K
100
KHz
Operating Temperature
TOPR
0
25
60
°C
MODE FORMAT
MODE 0
MODE 1
MODE
LIGHT
LIGHT
VOLUME
M1
Inphase
Inphase
Max.
M2
Mode Sequential
2 Mode Sequential
Middle
M3
Lamp Flash
1 Lamp Flash
Min.
M4
Lamp Chasing
Rotary
Max.
M5
M1
M4 Rotary
Inphase + 2 Lamp
Chasing
Middle
M6
M1
M4 Rotary
2 Mode Sequential + 1
Lamp Flash
Min.
M7
Steady on
Rotary
Mute
M8
Steady on
SONG LIST
No.
SONG NAME
No.
SONG NAME
1
Angels we have heard on high
14
Santa Claus coming to down
2
Silent night
15
O Christmas tree
3
Away in a manger
16
Rudolph,the red-nosed reindeer
4
We three king of orient are
17
What child is this
5
Jingle balls
18
I saw three ships
6
We wish you a merry Christmas
19
O litter town of Bethlehem
7
The twelve days of Christmas
20
God rest you merry,gentlemen hark
8
Up on the housetop
21
Deck the halls
9
Jolly old saint nickel
22
The hearld angels sing
10
Good king wencelas
23
The snow lay on the ground
11
O come ,all ye faithful
24
Bring a torch
12
Joy to the world
25
The first noel
13
It came upon the midnight clear



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com