Electronic Components Datasheet Search
  English  ▼

X  

1668 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 1668
Description  DUAL TONE MELODY XMAS LIGHT CONTROL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1668 Datasheet(HTML) 1 Page - Unisonic Technologies

  1668 Datasheet HTML 1Page - Unisonic Technologies 1668 Datasheet HTML 2Page - Unisonic Technologies 1668 Datasheet HTML 3Page - Unisonic Technologies 1668 Datasheet HTML 4Page - Unisonic Technologies 1668 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
1668
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R120-002.B
DUAL TONE MELODY XMAS
LIGHT CONTROL
FEATURES
* 5 SCR outputs
* 2 Mode sequence trigger key
* Mode 0: 7 function Vol pin control volume
* Mode 1: 8 function Auto Volume control
*OPT “Floation” Mode 0
“VSS” Mode 1
APPLICATION
* Xmas light control etc
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
1668L-D16-T
1668G-D16-T
DIP-16
Tube
MARKING


Similar Part No. - 1668

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1668 MOTOROLA-1668 Datasheet
637Kb / 11P
Dual Clocked Latch
logo
Unisonic Technologies
1668 UTC-1668 Datasheet
118Kb / 4P
DUAL TONE MELODY XMAS LIGHT CONTROL
logo
List of Unclassifed Man...
1668 ETC2-1668 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
1668 ETC2-1668 Datasheet
1Mb / 16P
Its a complete tool kit that fits in your palm.
logo
Keystone Electronics Co...
1668 KEYSTONE-1668 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results

Similar Description - 1668

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M8077 ETC1-M8077 Datasheet
153Kb / 3P
8 FUNCTIONS WITH MELODY XMAS LIGHT CONTROL
M80156 ETC1-M80156 Datasheet
143Kb / 2P
8 FUNCTIONS XMAS LIGHT CONTROL
M80056B ETC1-M80056B Datasheet
120Kb / 2P
8 FUNCTIONS XMAS LIGHT CONTROL
M80056B-1 ETC1-M80056B-1 Datasheet
124Kb / 2P
8 FUNCTIONS XMAS LIGHT CONTROL
RTS903 ETC1-RTS903 Datasheet
118Kb / 6P
DUAL-TONE MELODY GENERATOR
M668 ETC1-M668 Datasheet
133Kb / 2P
DUAL TONE MELODY XMAS LIGHT CONTROL
logo
Unisonic Technologies
1668 UTC-1668 Datasheet
118Kb / 4P
DUAL TONE MELODY XMAS LIGHT CONTROL
UTC1668 UTC-UTC1668 Datasheet
123Kb / 4P
DUAL TONE MELODY XMAS LIGHT CONTROL
logo
MOSDESIGN SEMICONDUCTOR...
M668 MOSDESIGN-M668 Datasheet
135Kb / 2P
DUAL TONE MELODY XMAS LIGHT CONTROL
2002-06-24
M80156 MOSDESIGN-M80156 Datasheet
238Kb / 2P
8 FUNCTIONS XMAS LIGHT CONTROL
2012-04-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com