Electronic Components Datasheet Search
  English  ▼

X  

UT3238 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT3238
Description  LINE DRIVERS/RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3238 Datasheet(HTML) 3 Page - Unisonic Technologies

  UT3238 Datasheet HTML 1Page - Unisonic Technologies UT3238 Datasheet HTML 2Page - Unisonic Technologies UT3238 Datasheet HTML 3Page - Unisonic Technologies UT3238 Datasheet HTML 4Page - Unisonic Technologies UT3238 Datasheet HTML 5Page - Unisonic Technologies UT3238 Datasheet HTML 6Page - Unisonic Technologies UT3238 Datasheet HTML 7Page - Unisonic Technologies UT3238 Datasheet HTML 8Page - Unisonic Technologies UT3238 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
UT3238
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 10
www.unisonic.com.tw
QW-R502-B54..a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
C2+
Positive terminal of inverting charge-pump capacitor
2
GND
Ground
3
C2-
Negative terminal of inverting charge-pump capacitor
4
V-
-5.5V generated by the charge pump
5~7,10,12
TXOUT
RS-232 Transmitter Outputs
8,9,11
RXIN
RS-232 Receiver Inputs
13
FORCEON
Drive high to override automatic circuitry keeping transmitters on ( FORCEOFF
must be high) (Table 2).
14
FORCEOFF
Drive low to shut down transmitters and on-board power supply. This over-rides
all automatic circuitry and FORCEON (Table 2).
15
INVALID
Output of the valid signal detector. Indicates if a valid RS-232 level is present on
receiver inputs logic “1”.
16
R1OUTB
Noninverting Receiver Output—active in shutdown
17,19,22~24
TXIN
TTL/CMOS Transmitter Inputs
18,20,21
RXOUT
TTL/CMOS Receiver Outputs
25
C1-
Negative terminal of the voltage doubler charge-pump capacitor
26
VCC
+3.3V ~ +5.0V Supply Voltage
27
V+
+5.5V generated by the charge pump
28
C1+
Positive terminal of the voltage doubler charge-pump capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com