Electronic Components Datasheet Search
  English  ▼

X  

UT3238 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3238
Description  LINE DRIVERS/RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3238 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3238 Datasheet HTML 1Page - Unisonic Technologies UT3238 Datasheet HTML 2Page - Unisonic Technologies UT3238 Datasheet HTML 3Page - Unisonic Technologies UT3238 Datasheet HTML 4Page - Unisonic Technologies UT3238 Datasheet HTML 5Page - Unisonic Technologies UT3238 Datasheet HTML 6Page - Unisonic Technologies UT3238 Datasheet HTML 7Page - Unisonic Technologies UT3238 Datasheet HTML 8Page - Unisonic Technologies UT3238 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3238
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R502-B54.a
+3.3V TO +5.0V POWER
SUPPLY, 250KBPS, RS-232
LINE DRIVERS/RECEIVERS
DESCRIPTION
The UTC UT3238 consists of 5 drivers and 3 receivers. It meets
ElA/TIA-232 and V.28/V.24 specifications, it intended for notebook
computer applications. A high-efficiency, dual charge-pumps power
supply and a low-dropout transmitter combine to deliver true
RS-232 performance from a single +3.3V ~ +5.0V power supply. A
guaranteed data rate of 250kbps provides compatibility with
popular software for communicating with PCs.
The UTC UT3238 achieves 1µA supply current in shutdown
condition. When the UT3238 doesn’t detect a valid signal level on
its receiver inputs, the on-board power supply and drivers will
shutdown, and when a valid level is applied to any RS-232 receiver
input, then the system turns on again. Therefore, the system saves
power without changes to the existing BIOS or operating system.
The UTC UT3238 requires only 0.1µF capacitors in 3.3V
operation, and can operate from input voltages ranging from +3.3V
~ +5.0V. It is ideal for 3.3V-only systems, 5.0V-only systems, or
mixed 3.3V and 5.0V systems that require true RS-232
performance.
The UTC UT3238 includes one complementary always-active
receiver that can monitor an external device (such as a modem) in
shutdown, without forward biasing the protection diodes in a UART
that may have VCC completely removed.
FEATURES
* Operates With 3.3V~5.0V Power Supply
* Five Drivers and Three Receivers
* Operates Up To 250 kbps
* Designed to Transmit at a Data Rate of 250 kbps
* Low Standby Current (1µA Typical)
* External Capacitors (4*0.1µF)
* Accepts 5.0V Logic Input With 3.3V Supply
*Always-Active Non-inverting Receiver Output (R1OUTB)
* Serial-Mouse Drivability
* Exceeds ±8KV ESD Protection(HBM) for RS-232 I/O Pins
TSSOP-28


Similar Part No. - UT3238

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3232 UTC-UT3232 Datasheet
260Kb / 7P
3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING FOR
UT3232 UTC-UT3232 Datasheet
274Kb / 7P
EXTERNAL CAPACITORS
UT3232G-P16-R UTC-UT3232G-P16-R Datasheet
260Kb / 7P
3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING FOR
UT3232G-P16-R UTC-UT3232G-P16-R Datasheet
266Kb / 7P
MULTICHANNEL RS-232 LINE TRANSCEIVERS USING
UT3232G-P16-R UTC-UT3232G-P16-R Datasheet
274Kb / 7P
EXTERNAL CAPACITORS
More results

Similar Description - UT3238

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS241 HITACHI-HD74LS241 Datasheet
54Kb / 5P
Octal Buffers/Line Drivers/Line Receivers
logo
List of Unclassifed Man...
HD29468 ETC-HD29468 Datasheet
25Kb / 7P
Triple Line Drivers / Receivers
logo
Renesas Technology Corp
HD29468 RENESAS-HD29468 Datasheet
205Kb / 8P
Triple Line Drivers/Receivers
logo
Analog Devices
ADM206E AD-ADM206E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM207E AD-ADM207E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM208E AD-ADM208E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
RS-232 Line Drivers/Receivers
Rev. E
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
ADM2023 AD-ADM2023_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com