Electronic Components Datasheet Search
  English  ▼

X  

DS3231 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS3231
Description  Extremely Accurate I2C-Integrated RTC/TXO/Crystal
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3231 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS3231 Datasheet HTML 11Page - Dallas Semiconductor DS3231 Datasheet HTML 12Page - Dallas Semiconductor DS3231 Datasheet HTML 13Page - Dallas Semiconductor DS3231 Datasheet HTML 14Page - Dallas Semiconductor DS3231 Datasheet HTML 15Page - Dallas Semiconductor DS3231 Datasheet HTML 16Page - Dallas Semiconductor DS3231 Datasheet HTML 17Page - Dallas Semiconductor DS3231 Datasheet HTML 18Page - Dallas Semiconductor DS3231 Datasheet HTML 19Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Figures 3 and 4 detail how data transfer is accom-
plished on the I2C bus. Depending upon the state of
the R/W bit, two types of data transfer are possible:
Data transfer from a master transmitter to a slave
receiver. The first byte transmitted by the master is
the slave address. Next follows a number of data
bytes. The slave returns an acknowledge bit after
each received byte. Data is transferred with the most
significant bit (MSB) first.
Data transfer from a slave transmitter to a master
receiver. The first byte (the slave address) is trans-
mitted by the master. The slave then returns an
acknowledge bit. Next follows a number of data
bytes transmitted by the slave to the master. The
master returns an acknowledge bit after all received
bytes other than the last byte. At the end of the last
received byte, a not acknowledge is returned.
The master device generates all the serial clock puls-
es and the START and STOP conditions. A transfer is
ended with a STOP condition or with a repeated
START condition. Since a repeated START condition
is also the beginning of the next serial transfer, the
bus will not be released. Data is transferred with the
most significant bit (MSB) first.
The DS3231 can operate in the following two modes:
Slave receiver mode (DS3231 write mode): Serial
data and clock are received through SDA and SCL.
After each byte is received, an acknowledge bit is
transmitted. START and STOP conditions are recog-
nized as the beginning and end of a serial transfer.
Address recognition is performed by hardware after
reception of the slave address and direction bit. The
slave address byte is the first byte received after the
master generates the START condition. The slave
address byte contains the 7-bit DS3231 address,
which is 1101000, followed by the direction bit (R/W),
which is 0 for a write. After receiving and decoding
the slave address byte, the DS3231 outputs an
Extremely Accurate I2C-Integrated
RTC/TCXO/Crystal
16
____________________________________________________________________
STOP
CONDITION
OR REPEATED
START
CONDITION
REPEATED IF MORE BYTES
ARE TRANSFERED
ACK
START
CONDITION
ACK
ACKNOWLEDGEMENT
SIGNAL FROM RECEIVER
ACKNOWLEDGEMENT
SIGNAL FROM RECEIVER
SLAVE ADDRESS
MSB
SCL
SDA
R/W
DIRECTION
BIT
12
6
7
8
9
1
2
8
9
3–7
Figure 2. I2C Data Transfer Overview
A
XXXXXXXX
A
1101000
S
0
XXXXXXXX A XXXXXXXX A XXXXXXXX A P
<SLAVE
ADDRESS>
S = START
A = ACKNOWLEDGE
P = STOP
R/W = READ/WRITE OR DIRECTION BIT ADDRESS = D0H
DATA TRANSFERRED
(X + 1 BYTES + ACKNOWLEDGE)
<DATA (n + X)>
<DATA (n + 1)>
<DATA (n)>
<WORD
ADDRESS (n)>
Figure 3. Slave Receiver Mode (Write Mode)
A
XXXXXXXX
A
1101000
S
1
XXXXXXXX A XXXXXXXX A XXXXXXXX A P
<SLAVE
ADDRESS>
S = START
A = ACKNOWLEDGE
P = STOP
A = NOT ACKNOWLEDGE
R/W = READ/WRITE OR DIRECTION BIT ADDRESS = D1H
DATA TRANSFERRED
(X + 1 BYTES + ACKNOWLEDGE)
NOTE: LAST DATA BYTE IS FOLLOWED BY
A NOT ACKNOWLEDGE (A) SIGNAL
<DATA (n + X)>
<DATA (n + 2)>
<DATA (n + 1)>
<DATA (n)>
Figure 4. Slave Transmitter Mode (Read Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com