Electronic Components Datasheet Search
  English  ▼

X  

DS3231 Datasheet(PDF) 18 Page - Dallas Semiconductor

Part # DS3231
Description  Extremely Accurate I2C-Integrated RTC/TXO/Crystal
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3231 Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS3231 Datasheet HTML 11Page - Dallas Semiconductor DS3231 Datasheet HTML 12Page - Dallas Semiconductor DS3231 Datasheet HTML 13Page - Dallas Semiconductor DS3231 Datasheet HTML 14Page - Dallas Semiconductor DS3231 Datasheet HTML 15Page - Dallas Semiconductor DS3231 Datasheet HTML 16Page - Dallas Semiconductor DS3231 Datasheet HTML 17Page - Dallas Semiconductor DS3231 Datasheet HTML 18Page - Dallas Semiconductor DS3231 Datasheet HTML 19Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Extremely Accurate I2C-Integrated
RTC/TCXO/Crystal
18
____________________________________________________________________
Chip Information
TRANSISTOR COUNT: 33,000
SUBSTRATE CONNECTED TO GROUND
PROCESS: CMOS
Thermal Information
Theta-JA: +73°C/W
Theta-JC: +23°C/W
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
32kHz
SCL
SDA
VBAT
GND
N.C.
N.C.
N.C.
N.C.
TOP VIEW
SO
VCC
INT/SQW
N.C.
RST
N.C.
N.C.
N.C.
DS3231S
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com