Electronic Components Datasheet Search
  English  ▼

X  

FHSA Datasheet(PDF) 3 Page - XP Power Limited

Part # FHSA
Description  Chassis Mount Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FHSA Datasheet(HTML) 3 Page - XP Power Limited

  FHSA Datasheet HTML 1Page - XP Power Limited FHSA Datasheet HTML 2Page - XP Power Limited FHSA Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.xppower.com
EMI Filter
Per CISPR 17, 50 Ω system
Asymmetrical (Common Mode)
S
FASMA01SFR
FASMA03SFR
FASMA06SFR
FASMA10SFR
-
Symmetrical (Differential Mode)
-
FASMA01SFR
FASMA03SFR
FASMA06SFR
FASMA10SFR
-
FHSAA01A1FR
FHSAA03A1FR
FHSAA06A1FR
-20
-10
0
10
20
30
40
50
60
70
db
10K
100K1M
10M
-20
-10
0
10
20
30
40
50
60
70
db
10K
100K1M
10M
-20
-10
0
10
20
30
40
50
60
70
db
10K
100K1M
10M
F
FIHAA10C2F
FIHAA15C2F
FIHAA20C2F
-
F
F
F
F
F
F
F
F
F
F
FIHAA10C2F
FIHAA15C2F
FIHAA20C2F
-
F
F
F
FHSAA10A1FR
-20
-10
0
10
20
30
40
50
60
70
db
10K
100K
1M
10M
FHSAA15A2FR
FHSAA20A2FR
-20
-10
0
10
20
30
40
50
60
70
db
10K
100K
1M
10M
-20
-10
0
10
20
30
40
50
60
70
db
10K
100K
1M
10M
F
F
F
Typical Attenuation Curves
FHSA
28 Jan 19



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com