Electronic Components Datasheet Search
  English  ▼

X  

FHSA Datasheet(PDF) 1 Page - XP Power Limited

Part # FHSA
Description  Chassis Mount Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FHSA Datasheet(HTML) 1 Page - XP Power Limited

  FHSA Datasheet HTML 1Page - XP Power Limited FHSA Datasheet HTML 2Page - XP Power Limited FHSA Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
N'
L'
L
L
N
Cx
R
Cy
Cy
PE
PE'
PE
PE'
N
FHSA
EMI Filter
Characteristics
Minimum
Typical
Maximum
Units
Notes and Conditions
Input Voltage
0
115/230
264
VAC
Input Frequency
DC
400
Hz
Rated Current
1
20
A
See models and ratings table
Earth Leakage Current
0.3
0.6
mA
See models and ratings table
MTBF
2.2
MHrs
MIL-STD 217F
Flammability Rating
UL94V-2
Temperature Operating
-40
110
°C
See derating curve
Safety Approvals
EN60939-2
Passive filter units for EMI suppression
ANSI/UL1283
Electromagnetic Interference Filters
Terminals
Faston 6.3 x 0.8mm straight
Protection Class
Suitable for appliances with protection Class I
Dielectric Strength
1500
VAC
xxx Series
www.xppower.com
1
Electrical Schematic
Specifications
• Chassis Mount Filter
• Single Stage Design
• Compact Design
• ITE Applications
• 1, 3, 6, 10, 15 & 20A Rating
• 6.3 x 0.8mm Faston Terminals
• Bleed Resistor
• Shielded Metal Body
• Wide Operating Temperature Range
• 3 Year Warranty
Chassis Mount Filter
The FHSA single stage filters are housed in a compact, chassis mounting metal case, for ITE applications. Input and output connections are via
6.3 x 0.8mm Faston terminals. The filter should be fitted as close as possible to the mains cable entry point to minimize any radiated emissions
from the mains cable within the equipment. Suitable for class I appliances, all models feature a shielded metal body, and are fitted with a bleed
resistor to safely discharge the filter capacitors when power is disconnected. Safety approvals are EN60939-2 for passive filters & ANSI/UL1283
for EMI filters. They feature a wide operating temperature range of -40°C to +110°C with full power operation up to +50°C.


Similar Part No. - FHSA

ManufacturerPart #DatasheetDescription
logo
Fulham Co., Inc
FHSAC1-230-45CED FULHAM-FHSAC1-230-45CED Datasheet
1Mb / 9P
Programmable Constant Current LED Driver
Rev A
More results

Similar Description - FHSA

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBBA-2505G-CM POWERBOX-PBBA-2505G-CM Datasheet
608Kb / 1P
CHASSIS MOUNT
logo
PowerDynamics, Inc
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
CHASSIS MOUNT EMI/RFI LINE FILTER
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PEMA POWERDYNAMICS-PEMA Datasheet
427Kb / 2P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI APPLIANCE FILTER
PG01S POWERDYNAMICS-PG01S Datasheet
226Kb / 2P
ECONOMICAL, CHASSIS MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
logo
List of Unclassifed Man...
L21402L ETC2-L21402L Datasheet
71Kb / 1P
Chassis mounting filter
logo
XP Power Limited
FHSM XPPOWER-FHSM Datasheet
614Kb / 3P
Chassis Mount Filter
FIHA XPPOWER-FIHA Datasheet
506Kb / 3P
Chassis Mount Filter
FIHM XPPOWER-FIHM Datasheet
503Kb / 3P
Chassis Mount Filter
logo
Adam Technologies, Inc.
PLF-21D3-10A-Q ADAM-TECH-PLF-21D3-10A-Q Datasheet
347Kb / 2P
"EMI/RF POWER FILTER MEDIUM OUTLINE, CHASSIS MOUNT
Rev. B
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com